Electronic Components Datasheet Search
  English  ▼

X  

167952 Datasheet(PDF) 64 Page - Eaton All Rights Reserved.

Part # 167952
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167952 Datasheet(HTML) 64 Page - Eaton All Rights Reserved.

Back Button 167952 Datasheet HTML 60Page - Eaton All Rights Reserved. 167952 Datasheet HTML 61Page - Eaton All Rights Reserved. 167952 Datasheet HTML 62Page - Eaton All Rights Reserved. 167952 Datasheet HTML 63Page - Eaton All Rights Reserved. 167952 Datasheet HTML 64Page - Eaton All Rights Reserved. 167952 Datasheet HTML 65Page - Eaton All Rights Reserved. 167952 Datasheet HTML 66Page - Eaton All Rights Reserved. 167952 Datasheet HTML 67Page - Eaton All Rights Reserved. 167952 Datasheet HTML 68Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Ethernet (Modbus TCP / EtherNet/IP) Communication Modules
Description
Specification
Electrical/EMC
Radiated emissions
IEC 60947-4-1, Table 15, EN 55011
(CISPIR 11) Group 1, Class A
30–1000 mHz
Conducted emissions
IEC 60947-4-1, Table 15, EN 55011
(CISPIR 11) Group 1, Class A
0.15–30 mHz
ESD immunity
IEC 60947-4-1 (Table 13) IEC 61000-4-2
±8 kV air, ±4 kV contact
Radiated immunity
IEC 60947-4-1 (Table 13) IEC 61000-4-3
10 V/m 80–1000 mHz
80% amplitude modulated 1 kHz sine wave
Conducted immunity
IEC 60947-4-1
140 dBuV (10V rms)
150 kHz to 80 mHz
Fast transient immunity
IEC 60947-4-1 (Table 13) IEC 61000-4-4
±2 kV using direct method
Surge immunity
IEC 60947-4-1 (Table 13)
IEC 61000-4-5 Class 2
User IO and communication lines:
±1 kV line-to-line (DM)
±2 kV line-to-ground (CM)
Environmental Ratings
Ambient temperature (operating)
–20° to 50°C
Ambient temperature (storage)
–40° to 85°C
Operating humidity
5–95% noncondensing
Altitude (no derating)
2000m
Shock (IEC 60068-2-27)
15G any direction
Vibration (IEC 60068-2-6)
3G any direction
Pollution degree per IEC 60947-1
3
Degree of protection
IP20
Ethernet
Ethernet connections
Integrated two-port switch with dual
RJ45 Ethernet connections
Ethernet type
Ethernet 10/100 Mbs, AutoMDX,
Auto Negotiation
C441T 24 Vdc Input
Nominal input voltage
24 Vdc
Operating voltage
18–30 Vdc
Number of inputs
4
Signal delay
5 ms (programmable to 65 sec)
OFF-state voltage
<6 Vdc
ON-state voltage
>18 Vdc
Nominal input current
5 mA
Isolation
1500V
Terminal screw torque
7–9 in-lb
24V source current
50 mA
Technical data and specifications
65
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.2
1
C441 Overload and monitoring relay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com