Electronic Components Datasheet Search
  English  ▼

X  

167952 Datasheet(PDF) 49 Page - Eaton All Rights Reserved.

Part # 167952
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167952 Datasheet(HTML) 49 Page - Eaton All Rights Reserved.

Back Button 167952 Datasheet HTML 45Page - Eaton All Rights Reserved. 167952 Datasheet HTML 46Page - Eaton All Rights Reserved. 167952 Datasheet HTML 47Page - Eaton All Rights Reserved. 167952 Datasheet HTML 48Page - Eaton All Rights Reserved. 167952 Datasheet HTML 49Page - Eaton All Rights Reserved. 167952 Datasheet HTML 50Page - Eaton All Rights Reserved. 167952 Datasheet HTML 51Page - Eaton All Rights Reserved. 167952 Datasheet HTML 52Page - Eaton All Rights Reserved. 167952 Datasheet HTML 53Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Accessories
Modbus Communication Module
The Motor Insight Modbus
Communication Module
is a side-mounted device
providing Modbus
communication capability
to the Motor Insight
overload relay.
The Modbus Communication
Module with I/O provides
communication, monitoring
and control for the Motor
Insight overload relay.
Features and Benefits
The Modbus
communication module is
capable of baud rates
up to 115K
The Modbus address and
baud rate configuration can
be easily changed using
the Motor Insight user
interface (C441M only)
Modbus address and baud
rate are set via convenient
DIP switches (C441N and
C441P); LEDs are provided
to display Modbus traffic
Configuration with
common Modbus
configuration tools
Terminals
Unique locking
mechanism provides for
easy removal of the
terminal block with the
field wiring installed
Each terminal is marked
for ease of wiring and
troubleshooting
Selectable I/O assemblies
4IN/2OUT
Signal types include
24 Vdc I/O and
120 Vac I/O
Each I/O module is
optically isolated
between the field I/O
and the network adapter
to protect the I/O and
communication circuits
from possible damage
due to transients and
ground loops
Input Module features a
user-definable input
debounce, which limits
the effects of transients
and electrical noise
Output Module supports
a user-definable safe
state for loss of
communication; hold
last state, ON or OFF
Modbus Communication Module
Description
I/O
Catalog
Number
Modbus Communication Module
None
C441M
Modbus Communication Module 4IN/2OUT
120 Vac
C441N
Modbus Communication Module 4IN/2OUT
24 Vdc
C441P
Modbus Module
Modbus with
I/O Module
C441 Overload and monitoring relay
Accessories
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
50
1
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com