Electronic Components Datasheet Search
  English  ▼

X  

167952 Datasheet(PDF) 14 Page - Eaton All Rights Reserved.

Part # 167952
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167952 Datasheet(HTML) 14 Page - Eaton All Rights Reserved.

Back Button 167952 Datasheet HTML 10Page - Eaton All Rights Reserved. 167952 Datasheet HTML 11Page - Eaton All Rights Reserved. 167952 Datasheet HTML 12Page - Eaton All Rights Reserved. 167952 Datasheet HTML 13Page - Eaton All Rights Reserved. 167952 Datasheet HTML 14Page - Eaton All Rights Reserved. 167952 Datasheet HTML 15Page - Eaton All Rights Reserved. 167952 Datasheet HTML 16Page - Eaton All Rights Reserved. 167952 Datasheet HTML 17Page - Eaton All Rights Reserved. 167952 Datasheet HTML 18Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
Overload relays
Bimetal relays for mini-contactor relays
Part no.
Article no.
Price
See price
list
Std. pack
Notes
ZE-0.16
014263
1 Off
Overload release: tripping class 10 A
Short-circuit protection: With direct mounting,
observe the maximum permissible fuse of the
contactor.
Suitable for protection of EEx e motors
II (2) GD
PTB 01 ATEX 3331
Observe manual AWB2300-1425D/GB.
With side-by-side mounting, there must be a minimum clearance
of 5 mm between overload relays.
1 Contactor
Chapter 5
Accessories
Page 28
Manual
Page 28
ZE-0.24
014285
ZE-0.4
014300
ZE-0.6
014333
ZE-1.0
014376
ZE-1.6
014432
ZE-2.4
014479
ZE-4
014518
ZE-6
014565
ZE-9
014708
ZE-12
014752
1
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
14
1
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com