Electronic Components Datasheet Search
  English  ▼

X  

167953 Datasheet(PDF) 24 Page - Eaton All Rights Reserved.

Part # 167953
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167953 Datasheet(HTML) 24 Page - Eaton All Rights Reserved.

Back Button 167953 Datasheet HTML 20Page - Eaton All Rights Reserved. 167953 Datasheet HTML 21Page - Eaton All Rights Reserved. 167953 Datasheet HTML 22Page - Eaton All Rights Reserved. 167953 Datasheet HTML 23Page - Eaton All Rights Reserved. 167953 Datasheet HTML 24Page - Eaton All Rights Reserved. 167953 Datasheet HTML 25Page - Eaton All Rights Reserved. 167953 Datasheet HTML 26Page - Eaton All Rights Reserved. 167953 Datasheet HTML 27Page - Eaton All Rights Reserved. 167953 Datasheet HTML 28Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Electronic overload relays to 1500 A
Basic devices
ZEB65-45
136502
1 Off
Suitable for protection of EEx e motors.
II (2) GD
PTB ATEX starting 08/2010
Observe manual AWB2320-1633D/GB.
Switchgear and cable dimensioning
according to CLASS
Fitted directly to the contactor
1 Contactor
Chapter 5
Accessories
Page 25
ZEB65-45-GF
136503
ZEB65-100
136504
ZEB65-100-GF
136505
ZEB150-100
136506
1 Off
Suitable for protection of EEx e motors.
II (2) GD
PTB ATEX starting 08/2010
Observe manual AWB2320-1633D/GB.
Switchgear and cable dimensioning
according to CLASS
Fitted directly to the contactor
1 Contactor
Chapter 5
Accessories
Page 25
ZEB150-100-GF
136507
ZEB150-100/KK
136508
1 Off
Suitable for protection of EEx e motors.
II (2) GD
PTB ATEX starting 08/2010
Observe manual AWB2320-1633D/GB.
Switchgear and cable dimensioning
according to CLASS
ZEB150-100-GF/KK
136509
Part no.
Article no.
Price
See price
list
Std. pack
Notes
1
1
Page 25
Page 25
Page 25
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
24
1
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com