Electronic Components Datasheet Search
  English  ▼

X  

167953 Datasheet(PDF) 54 Page - Eaton All Rights Reserved.

Part # 167953
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167953 Datasheet(HTML) 54 Page - Eaton All Rights Reserved.

Back Button 167953 Datasheet HTML 50Page - Eaton All Rights Reserved. 167953 Datasheet HTML 51Page - Eaton All Rights Reserved. 167953 Datasheet HTML 52Page - Eaton All Rights Reserved. 167953 Datasheet HTML 53Page - Eaton All Rights Reserved. 167953 Datasheet HTML 54Page - Eaton All Rights Reserved. 167953 Datasheet HTML 55Page - Eaton All Rights Reserved. 167953 Datasheet HTML 56Page - Eaton All Rights Reserved. 167953 Datasheet HTML 57Page - Eaton All Rights Reserved. 167953 Datasheet HTML 58Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
Technical Data and Specifications
Motor Insight
Notes
① Lower levels are achievable with multiple passes.
② Motor fault reset characteristics can be programmed as a group or for motor overloads only. Reference the user manual for more detailed information.
Description
Specification
C441B_
C441C_
C441D_
C441_ _ _ _NOUI
Electrical Ratings
Feature
Range
Operating voltage (three-
phase) and frequency
170–264 Vac 50/60 Hz
323–528 Vac 50/60 Hz
489–660 Vac 50/60 Hz
170–660 Vac 50/60 Hz
Trip Class
5–30
Selectable
Selectable
Selectable
Selectable
FLA Range
C441_A and
C4410109NOUI
s
T
C
l
a
n
r
e
t
x
e
h
t
i
w
A
0
4
5
o
t
p
U
A
9
–
1
Refer to Page 49 for CT
multiplier and wire wrap
schedule.
Up to 540A with external CTs
Refer to Page 49 for CT
multiplier and wire wrap
schedule.
Up to 540A with external CTs
Refer to Page 49 for CT
multiplier and wire wrap
schedule.
C441_B and
C4410590NOUI
5–90A
Monitoring Capabilities
Feature
Value
Current
Per phase rms (1A, 1B, 1C),
2% accuracy
Average rms, 2% accuracy
Imbalance percent (0–100%)
Ground fault current,
10% accuracy
Per phase rms (1A, 1B, 1C),
2% accuracy
Average rms, 2% accuracy
Imbalance percent (0–100%)
Ground fault current,
10% accuracy
Per phase rms (1A, 1B, 1C),
2% accuracy
Average rms, 2% accuracy
Imbalance percent (0–100%)
Ground fault current,
10% accuracy
Per phase rms (1A, 1B, 1C),
2% accuracy
Average rms, 2% accuracy
Imbalance percent (0–100%)
Ground fault current,
10% accuracy
Voltage
Per phase rms (1A, 1B, 1C),
2% accuracy
Average rms, 2% accuracy
Imbalance percent (0–100%)
Per phase rms (1A, 1B, 1C),
2% accuracy
Average rms, 2% accuracy
Imbalance percent (0–100%)
Per phase rms (1A, 1B, 1C),
2% accuracy
Average rms, 2% accuracy
Imbalance percent (0–100%)
Per phase rms (1A, 1B, 1C),
2% accuracy
Average rms, 2% accuracy
Imbalance percent (0–100%)
Power
Motor kW, 5% accuracy
Motor power factor,
inductive 0–1.0, 1% accuracy
Motor kW, 5% accuracy
Motor power factor,
inductive 0–1.0, 1% accuracy
Motor kW, 5% accuracy
Motor power factor,
inductive 0–1.0, 1% accuracy
Motor kW, 5% accuracy
Motor power factor,
inductive 0–1.0, 1% accuracy
Thermal capacity
0% cold, 100% trip
0% cold, 100% trip
0% cold, 100% trip
0% cold, 100% trip
Motor run hours
0–65,535 hours
0–65,535 hours
0–65,535 hours
0–65,535 hours
Frequency
47–63 Hz, 1% accuracy
47–63 Hz, 1% accuracy
47–63 Hz, 1% accuracy
47–63 Hz, 1% accuracy
Motor Protection
Thermal overload setting
1.05 x FLA: Does not trip
1.15 x FLA: Overload trip
1.05 x FLA: Does not trip
1.15 x FLA: Overload trip
1.05 x FLA: Does not trip
1.15 x FLA: Overload trip
1.05 x FLA: Does not trip
1.15 x FLA: Overload trip
Feature
Range
Fault Delay Setting
Jam
150–400% of motor FLA, OFF
150–400% of motor FLA, OFF
150–400% of motor FLA, OFF
50–400% of motor FLA, OFF
1–20 seconds
Current imbalance
1–30%, OFF
1–30%, OFF
1–30%, OFF
1–30%, OFF
1–20 seconds
Current phase loss
Fixed threshold 60%
Fixed threshold 60%
Fixed threshold 60%
Fixed threshold 60%
1–20 seconds
Ground fault current
C441_A and
C4410109NOUI
1–9A
0.3–2.0A with one pass
through the CTs ①
0.3–2.0A with one pass
through the CTs ①
0.3–2.0A with one pass
through the CTs ①
0.3–2.0A with one pass
through the CTs ①
<150%, 1–60 seconds
>150%, 2 seconds
>250%, 1 second
C441_B and
C4410590NOUI
5–90A
3.0–20A with one pass
through the CTs ①
3.0–20A with one pass
through the CTs ①
3.0–20A with one pass
through the CTs ①
3.0–20A with one pass
through the CTs ①
<150%, 1–60 seconds
>150%, 2 seconds
>250%, 1 second
Phase reversal
OFF = Ignore, 1 = ACB, 2 = ABC
OFF = Ignore, 1 = ACB, 2 = ABC
OFF = Ignore, 1 = ACB, 2 = ABC
OFF = Ignore, 1 = ACB, 2 = ABC
Fault reset delay
2–500 minutes, auto ②
2–500 minutes, auto ②
2–500 minutes, auto ②
2–500 minutes, auto ②
Fault reset attempts
0–4 restarts allowed or
automatic reset ②
0–4 restarts allowed or
automatic reset ②
0–4 restarts allowed or
automatic reset ②
0–4 restarts allowed or
automatic reset ②
Technical data and specifications
C441 Overload and monitoring relay
55
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com