Electronic Components Datasheet Search
  English  ▼

X  

167953 Datasheet(PDF) 34 Page - Eaton All Rights Reserved.

Part # 167953
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167953 Datasheet(HTML) 34 Page - Eaton All Rights Reserved.

Back Button 167953 Datasheet HTML 30Page - Eaton All Rights Reserved. 167953 Datasheet HTML 31Page - Eaton All Rights Reserved. 167953 Datasheet HTML 32Page - Eaton All Rights Reserved. 167953 Datasheet HTML 33Page - Eaton All Rights Reserved. 167953 Datasheet HTML 34Page - Eaton All Rights Reserved. 167953 Datasheet HTML 35Page - Eaton All Rights Reserved. 167953 Datasheet HTML 36Page - Eaton All Rights Reserved. 167953 Datasheet HTML 37Page - Eaton All Rights Reserved. 167953 Datasheet HTML 38Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Overload relays
Overload relays, CT-operated overload relays
ZE
ZB12, ZB32
ZB65
ZB150(KK)
Z5-.../FF225
Z5-.../FF250
ZW7
Auxiliary and control circuits
Rated impulse withstand voltage
U
U
imp
V
6000
6000600060006000
6000
Overvoltage category/Pollution degree
III/3
III/3
III/3
III/3
III/3
III/3
Terminal capacity
mm²
Solid
2 × (0.75 - 2.5)
2 × (0.75 - 4)
2 × (0.75 - 4)
2 × (0.75 - 4)
2 × (0.75 - 4)
2 × (0.75 - 4)
mm²
Flexible with ferrule
2 × (0.5 - 1.5)
2 × (0.75 - 2.5)
2 × (0.75 - 2.5)
2 × (0.75 - 2.5)
2 × (0.75 - 2.5)
2 × (0.75 - 2.5)
AWG
Solid or stranded
2 × (18 - 12)
2 × (18 - 12)
2 × (18 - 12)
2 × (18 - 12)
2 × (18 - 12)
2 × (18 - 12)
Terminal screw
M3.5
M3.5
M3.5
M3.5
M3.5
M3.5
Nm
Tightening torque
0.8 - 1.2
0.8 - 1.2
0.8 - 1.2
0.8 - 1.2
0.8 - 1.2
0.8 - 1.2
Tools
Size
Pozidriv screwdriver
2
2
2
2
2
2
mm
Flat-blade screwdriver
0.8 × 5.5
1 × 6
1 × 6
1 × 6
1 × 6
1 × 6
Auxiliary circuit rated insulation voltage
i
V AC
690
500
500
500
500
500
U
Rated operating voltage
e
V AC
500
500
500
500
500
500
Safe isolation according to EN 61140
V AC
Between the auxiliary contacts
300
240
240
240
240
240
I
Conventional thermal current
th
A6
6
6
6
6
6
Rated operational current
AC-15
N/O
I
120 V
e
A
1.5
1.5
1.5
1.5
1.5
1.5
I
240 V
e
A
1.5
1.5
1.5
1.5
1.5
1.5
I
415 V
e
A
0.5
0.5
0.5
0.5
0.5
0.5
I
500 V
e
A
0.3
0.5
0.5
0.5
0.5
0.5
NC
I
120 V
e
A
1.5
1.5
1.5
1.5
1.5
1.5
I
240 V
e
A
1.5
1.5
1.5
1.5
1.5
1.5
I
415 V
e
A
0.7
0.9
0.9
0.9
0.9
0.9
I
500 V
e
A
0.5
0.8
0.8
0.8
0.8
0.8
DC-13 L/R ≦ 15 ms 1)
I
24 V
e
A
0.9
0.9
0.9
0.9
0.9
0.9
I
60 V
e
A
0.75
0.753)
0.753)
0.753)
0.753)
0.753)
I
110 V
e
A
0.4
0.4
0.4
0.4
0.4
0.4
I
220 V
e
A
0.2
0.2
0.2
0.2
0.2
0.2
General Use
V
AC operated
240
600
––––
–
A
AC operated
1.5
0.6
––––
–
V
DC operated
–
–
–
–
–
–
A
DC operated
–
–
–
–
–
–
Pilot Duty
AC operated
D300
B300 4)
B600 5)
B300 4)
B600 5)
B300 4)
B600 5)
B300 4)
B600 5)
B300 4)
B600 5)
DC operated
R300
R300
R300
R300
R300
R300
Short-circuit rating without welding
Max. fuse 2)
A gG/gL
4
6
6
6
6
6
Notes
1) Making and breaking conditions to DC-13, time constant as stated
2) See transparent overlay "Fuses" for time/current characteristics (please enquire)
3) Rated operational current DC-13, 60 V: N/O auxiliary contact 0.6 A
4) With opposite polarity
5) With same polarity
ZE, ZB, Z5, ZW7
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
34
1
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com