Electronic Components Datasheet Search
  English  ▼

X  

PCA9665 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA9665
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA9665 Datasheet HTML 18Page - NXP Semiconductors PCA9665 Datasheet HTML 19Page - NXP Semiconductors PCA9665 Datasheet HTML 20Page - NXP Semiconductors PCA9665 Datasheet HTML 21Page - NXP Semiconductors PCA9665 Datasheet HTML 22Page - NXP Semiconductors PCA9665 Datasheet HTML 23Page - NXP Semiconductors PCA9665 Datasheet HTML 24Page - NXP Semiconductors PCA9665 Datasheet HTML 25Page - NXP Semiconductors PCA9665 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
22 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
8.3.2 Master Receiver Byte mode
In the Master Receiver Byte mode, a number of data bytes are received from a slave
transmitter one byte at a time (see Figure 8). The transfer is initialized as in the Master
Transmitter Byte mode.
The Master Receiver Byte mode may now be entered by setting the STA bit. The I2C-bus
state machine will first test the I2C-bus and generate a START condition as soon as the
bus becomes free. When a START condition is transmitted, the Serial Interrupt flag (SI) is
set, the Interrupt line (INT) goes LOW and the status code in the status register (I2CSTA)
will be 08h. This status code must be used to vector to an interrupt service routine that
loads I2CDAT with the slave address and the data direction bit (SLA+R). A write to
I2CCON resets the SI bit, clears the Interrupt (INT goes HIGH) and allows the serial
transfer to continue.
When the slave address and the data direction bit have been transmitted, the serial
interrupt flag (SI) is set again, the Interrupt line (INT) goes LOW again and I2CSTA is
loaded with the following possible codes:
• 40h if an acknowledgment bit (ACK) has been received for the slave address with
direction bit
• 48h if a no acknowledgment bit (NACK) has been received for the slave address with
direction bit
• 38h if the PCA9665 lost the arbitration
• B0h if the PCA9665 lost the arbitration and is addressed as a slave transmitter (slave
mode enabled with AA = 1)
• 68h if the PCA9665 lost the arbitration and is addressed as a slave receiver (slave
mode enabled with AA = 1)
• D8h if the PCA9665 lost the arbitration and is addressed as a slave receiver during a
General Call sequence (slave mode enabled with AA = 1 and General Call address
enabled with GC = 1 in I2CADR register).
The appropriate action to be taken for each of these status codes is detailed in Table 28.
ENSIO is not affected by the serial transfer and is not referred to in Table 28.
After a repeated START condition (state 10h), the PCA9665 may switch to the Master
Transmitter mode by loading I2CDAT with SLA+W.
Remark: A master should not transmit its own slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com