| Electronic Components Datasheet Search |
|
PCA9665 Datasheet(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9665 Datasheet(HTML) 29 Page - NXP Semiconductors |
|
29 / 91 page ![]() PCA9665_2 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 02 — 7 December 2006 29 of 91 NXP Semiconductors PCA9665 Fm+ parallel bus to I2C-bus controller 8.3.4 Slave Transmitter Byte mode In the Slave Transmitter Byte mode, a number of data bytes are transmitted to a master receiver one byte at a time (see Figure 10). Data transfer is initialized as in the Slave Receiver Byte mode. When I2CADR and I2CCON have been initialized, the PCA9665 waits until it is addressed by its own slave address followed by the data direction bit which must be ‘1’ (R) for the PCA9665 to operate in the Slave Transmitter mode. After its own slave address and the R bit have been received, the Serial Interrupt flag (SI) is set, the Interrupt line (INT) goes LOW and I2CSTA is loaded with A8h. This status code is used to vector to an interrupt service routine, and the appropriate action to be taken is detailed in Table 32. The Slave Transmitter Byte mode may also be entered if arbitration is lost while the PCA9665 is in the master mode. See state B0h and appropriate actions in Table 32. If the AA bit is reset during a transfer, the PCA9665 will transmit the last byte of the transfer and enter state C8h. The PCA9665 is switched to the not addressed slave mode and will ignore the master receiver if it continues the transfer. Thus the master receiver receives all ‘1’s as serial data. While AA is reset, the PCA9665 does not respond to its own slave address. However, the I2C-bus is still monitored, and address recognition may be resumed at any time by setting AA. This means that the AA bit may be used to temporarily isolate SIO from the I2C-bus. (1) See Table 31. (2) Defined state when a single byte is transmitted and an ACK is received. (3) Defined state when a single byte is transmitted and a NACK is received. (4) Defined state when a single byte is transmitted and the PCA9665 goes to the non-addressed mode (AA = 0) and an ACK is received. Fig 10. Format and states in the Slave Transmitter Byte mode (MODE = 0) S SLA R A DATA A P or S A8h B8h F8h 002aab027 reception of own slave address and transmission of one or more data bytes arbitration lost as MST and addressed as slave n This number (contained in I2CSTA) corresponds to a defined state of the I2C-bus.(1) DATA A any number of data bytes and their associated Acknowledge bits from master to slave from slave to master DATA A C0h P or S F8h A C8h on STOP on STOP A B0h last data byte transmitted; switched to Not Addressed slave (AA bit in I2CCON = 0) ALL '1's (2) (3) (4) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |