Electronic Components Datasheet Search
  English  ▼

X  

PCA9665 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA9665
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA9665 Datasheet HTML 29Page - NXP Semiconductors PCA9665 Datasheet HTML 30Page - NXP Semiconductors PCA9665 Datasheet HTML 31Page - NXP Semiconductors PCA9665 Datasheet HTML 32Page - NXP Semiconductors PCA9665 Datasheet HTML 33Page - NXP Semiconductors PCA9665 Datasheet HTML 34Page - NXP Semiconductors PCA9665 Datasheet HTML 35Page - NXP Semiconductors PCA9665 Datasheet HTML 36Page - NXP Semiconductors PCA9665 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
33 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
(1) See Table 35
(2) Serial interrupt that occurs when BC[6:0] = 01. No serial interrupt if BC[6:0] > 01.
(3) Defined state when the number of bytes sent is equal to the value in I2CCOUNT register and an ACK has been received for
all the bytes sent.
(4) Defined state when a NACK received while number of bytes sent is lower than or equal to value in I2CCOUNT register.
(5) Master Receiver Byte mode is entered when MODE = 0. Master Receiver Buffered mode is entered when MODE = 1.
Remark: The master should never transmit its own slave address.
Fig 11. Format and states in the Master Transmitter Buffered mode (MODE = 1)
08h
S
SLA
W
A
DATA
A
P
28h
F8h
MT
10h
S
SLA
W
R
to MST/REC mode
entry = MR(5)
A
P
30h
F8h
A
P
20h
F8h
002aab659
A or A
38h
other MST
continues
A or A
38h
other MST
continues
A
B0h
other MST
continues
68h
to corresponding states in Slave Transmitter mode
to corresponding states in Slave Receiver mode
successful
transmission
to a Slave Receiver
next transfer started with a
repeated START condition
Not Acknowledge received after
the slave address
Not Acknowledge received after
a data byte
arbitration lost in slave address
or data byte
arbitration lost and addressed as slave
n
This number (contained in I2CSTA) corresponds
to a defined state of the I2C-bus.(1)
DATA
A
any number of data bytes and
their associated Acknowledge bits
from master to slave
from slave to master
D8h
to corresponding states in Slave Receiver mode (General Call)
(3)
(4)
18h
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com