Electronic Components Datasheet Search
  English  ▼

X  

PD55003L-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD55003L-E
Description  RF POWER TRANSISTOR The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003L-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD55003L-E Datasheet HTML 3Page - STMicroelectronics PD55003L-E Datasheet HTML 4Page - STMicroelectronics PD55003L-E Datasheet HTML 5Page - STMicroelectronics PD55003L-E Datasheet HTML 6Page - STMicroelectronics PD55003L-E Datasheet HTML 7Page - STMicroelectronics PD55003L-E Datasheet HTML 8Page - STMicroelectronics PD55003L-E Datasheet HTML 9Page - STMicroelectronics PD55003L-E Datasheet HTML 10Page - STMicroelectronics PD55003L-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PD55003L-E
Electrical specification
Rev1
7/19
Figure 8.
Efficiency Vs Bias Current
Figure 9.
Output Power Vs Supply Voltage
Figure 10. Output Power Vs Gate-Source
Voltage
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
300
350
400
450
500
Idq (mA)
Pin = 20 dBm
f = 500 MHz
Vdd = 12.5 V
0
1
2
3
4
5
6
7
8
5
6
7
8
9
10
1112
1314
15
Vds (V)
Idq = 50 mA
Pin = 20 dBm
f = 500 MHz
0
1
2
3
4
5
6
7
0.00.5
1.01.5
2.02.5
3.03.5
4.0
Vgs (V)
Pin = 20 dBm
Vdd = 12.5 V
f = 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com