Electronic Components Datasheet Search
  English  ▼

X  

PD55003L-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD55003L-E
Description  RF POWER TRANSISTOR The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003L-E Datasheet(HTML) 3 Page - STMicroelectronics

  PD55003L-E Datasheet HTML 1Page - STMicroelectronics PD55003L-E Datasheet HTML 2Page - STMicroelectronics PD55003L-E Datasheet HTML 3Page - STMicroelectronics PD55003L-E Datasheet HTML 4Page - STMicroelectronics PD55003L-E Datasheet HTML 5Page - STMicroelectronics PD55003L-E Datasheet HTML 6Page - STMicroelectronics PD55003L-E Datasheet HTML 7Page - STMicroelectronics PD55003L-E Datasheet HTML 8Page - STMicroelectronics PD55003L-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PD55003L-E
Electrical data
Rev1
3/19
1
Electrical data
1.1
Maximum Ratings
1.2
Thermal data
Table 1.
Absolute maximum ratings (TCASE=25°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
40
V
VGS
Gate-Source Volatge
-0.5 to+15
V
ID
Drain Current
2.5
A
PDISS
Power Dissipation (@TC = 70°C)
14
W
Tstg
Storage Temperature
– 65 to +150
°C
Tj
Operating Junction Temperature
150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction-Case Thermal Resistance
5.7
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com