Electronic Components Datasheet Search
  English  ▼

X  

PD55003L-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD55003L-E
Description  RF POWER TRANSISTOR The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003L-E Datasheet(HTML) 4 Page - STMicroelectronics

  PD55003L-E Datasheet HTML 1Page - STMicroelectronics PD55003L-E Datasheet HTML 2Page - STMicroelectronics PD55003L-E Datasheet HTML 3Page - STMicroelectronics PD55003L-E Datasheet HTML 4Page - STMicroelectronics PD55003L-E Datasheet HTML 5Page - STMicroelectronics PD55003L-E Datasheet HTML 6Page - STMicroelectronics PD55003L-E Datasheet HTML 7Page - STMicroelectronics PD55003L-E Datasheet HTML 8Page - STMicroelectronics PD55003L-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical specification
PD55003L-E
4/19
Rev1
2
Electrical specification
(TCASE=25°C)
Table 3.
Static
Symbol
Test Condictions
Min.
Typ.
Max.
Unit
IDSS
VGS=0V, VDS=28V
1
µA
IGSS
VGS=20V, VDS=0V
1
µA
VGS(Q)
VDS=10V, ID=50mA
2.0
5.0
V
VDS(ON)
VGS=10V, ID=0.5A
0.36
V
gfs
VDS=10V, ID=1A
1.0
mho
Ciss
Coss
Crss
VGS=0V, VDS=12.5V, f=1MHz
34
23
1.8
pF
pF
pF
Table 4.
Dynamic
Symbol
Test Condictions
Min.
Typ.
Max.
Unit
P1dB
VDD=12.5V, IDQ=50mA, f=500MHz
3
W
GP
VDD=12.5V, IDQ=50mA, POUT=3W, f=500MHz
17
19
dB
ηDVDD=12.5V, IDQ=50mA, POUT=3W, f=500MHz
50
52
%
Load
mismatch
VDD=12.5V, IDQ=50mA, POUT=3W, f=500MHz
20:1
VSWR
Table 5.
Switching on/off (inductive load)
Test Condictions
Class
Human Body Model
2
Machine Model
M3
Table 6.
Switching energy (inductive load)
Test Methodology
Rating
J-STD-020B
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com