Electronic Components Datasheet Search
  English  ▼

X  

MCP6C26 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 20Page - Microchip Technology MCP6C26 Datasheet HTML 21Page - Microchip Technology MCP6C26 Datasheet HTML 22Page - Microchip Technology MCP6C26 Datasheet HTML 23Page - Microchip Technology MCP6C26 Datasheet HTML 24Page - Microchip Technology MCP6C26 Datasheet HTML 25Page - Microchip Technology MCP6C26 Datasheet HTML 26Page - Microchip Technology MCP6C26 Datasheet HTML 27Page - Microchip Technology MCP6C26 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
MCP6C26
DS20006928A-page 26
 2024 Microchip Technology Inc. and its subsidiaries
5.0
APPLICATIONS
This chapter includes design recommendations and
typical application circuits.
The Common-mode rejection (see Figure 2-13,
Figure 2-14, Figure 2-15 and Figure 2-31) supports
high accuracy applications in noisy environments.
The power supply rejection (see Figure 2-32) also has
excellent rejection at higher frequencies than
traditional.
5.1
Recommended Design Practices
Some simple design practices help take advantage of
the MCP6C26's performance in high-side current
sensing applications.
5.1.1
SAFETY PRECAUTIONS
Since the MCP6C26 is used in circuits with voltages
and currents that can be hazardous to humans,
appropriate cautions need to be observed when
designing and using said circuits. Please refer to the
appropriate industry and government standards and
laws to determine design and usage practices.
5.1.2
INPUT VOLTAGE/CURRENT LIMITS
To prevent damage and/or improper operation of these
amplifiers, the circuit must limit the voltages and
currents at and into the VIP and VIM input pins, as well
as the differential input voltage VDM (see Section 1.1,
Absolute Maximum Ratings †). Note that the voltage
limits are independent of the current limits and need
separate attention to ensure these limits.
The ESD protection on the VCM and VDM inputs was
discussed in Section 4.2.1, Internal Protection
Devices. This structure was chosen to protect the input
transistors against many (but not all) overvoltage
conditions, and to minimize input bias currents (IBP and
IBM).
To protect the inputs, always drive VIP with a low
impedance source and use a shunt resistor (RSH) with
low resistance (designed to not fail open). Placing
zener diode(s) or a transorb across RSH will also help
protect the inputs.
5.1.3
BYPASS CAPACITORS
Be sure to specify capacitors that will support your
application. Be sure to look at:
• Voltage Rating (well above the maximum value at
each pin)
• Dielectrics (good Temp. Cos. and reasonable Volt.
Cos.)
•Size
• Surface Mount vs. Leaded
• Cost vs. availability
If possible, connect VSS to ground. This will make your
design simpler.
For both positive and negative single power supply
configurations, bypass VDD to VSS with a local bypass
capacitor next to these pins (e.g., 100 nF). A bulk
bypass capacitor should also be added close by (e.g.,
2.2 μF); placing it next to the local bypass capacitor is
a good choice.
For dual power supply configurations, bypass VDD and
VSS to ground separately with a local bypass capacitor
next to these pins. A bulk bypass capacitor should also
be added close by; placing it next to the local bypass
capacitor is a good choice.
5.1.4
PROTECTING THE INPUTS IN
HIGH-SIDE CURRENT SENSING
APPLICATIONS
Designs using the MCP6C26 will need protection
methods in the circuit design. When working on the
bench, be careful to use the same protection methods
(e.g., do not hot-swap the supply voltages). The
following subsections give ideas that may be useful in
your design.
5.1.4.1
Protecting VDM (VIP - VIM)
The shunt resistor (RSH in Figure 5-1 keeps VDM in
range, as long as the load current is not too high. If
extra protection is needed in your design, ideas to
consider include:
• Limiting VS's output current
• Setting VS's output ESR high enough to reduce
overshoot
- The ESR should be a dynamic resistance,
not a physical one.
5.1.4.2
Protection for Capacitive Loads
Capacitive loads pass large currents when their voltage
changes fast (e.g., at start-up or power down). These
currents will cause voltage drops across resistors and
(parasitic) inductors in the current path. The voltage
drop across inductors can be substantial.
Limiting the current from VS helps protect the circuit in
Figure 5-1. The resistance seen by VS (RS (VS's ESR)
and RCL (CCL's ESR) helps reduce step response over-
shoot, which provides more protection. Using CSH will
create a voltage divider for fast edges; be careful to
limit the resulting VDM.
FIGURE 5-1:
Protection for Capacitive
Loads.
VOUT
+
–
VSS
CSH
VREF
VDD
(2.7V to 5.5V)
VDD
VIP
VIM
CCL
VS +
–
RCL
RS
VREF
RSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com