Electronic Components Datasheet Search
  English  ▼

X  

MCP6C26 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 13Page - Microchip Technology MCP6C26 Datasheet HTML 14Page - Microchip Technology MCP6C26 Datasheet HTML 15Page - Microchip Technology MCP6C26 Datasheet HTML 16Page - Microchip Technology MCP6C26 Datasheet HTML 17Page - Microchip Technology MCP6C26 Datasheet HTML 18Page - Microchip Technology MCP6C26 Datasheet HTML 19Page - Microchip Technology MCP6C26 Datasheet HTML 20Page - Microchip Technology MCP6C26 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006928A-page 19
MCP6C26
Note:
Unless otherwise indicated, TA =+25°C, VDD = 2.7V to 5.5V, VSS = GND, VCM =15V, VDM =0V,
VREF =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL = 30 pF; see Figure 1-5, Figure 1-6 and Figure 1-7.
2.4
Noise and Intermodulation Distortion
FIGURE 2-33:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-34:
Integrated Input Noise.
FIGURE 2-35:
Input Noise Voltage vs.
Time, GDM =50.
FIGURE 2-36:
Input Noise Voltage vs.
Time, GDM =100.
FIGURE 2-37:
Input Noise Voltage vs.
Time, GDM =200.
10
100
0.1
1
10
100
1000
10000
100000
Frequency; f (Hz)
Gain = 50
Gain = 100
Gain = 200
1k
10k
100k
50
0
0
0
0
0
0.1
1
10
100
1000
10000
100000
Frequency; f (Hz)
Gain = 50
Gain = 100
Gain = 200
1k
10k
100k
10μ
1μ
100n
10n
100μ
Time (1s/div)
Gain = 50
V
RMS = 275nV
Time (1s/div)
Gain = 100
V
RMS = 185nV
Time (1s/div)
Gain = 200
V
RMS = 144nV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com