Electronic Components Datasheet Search
  English  ▼

X  

MCP6C26 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 29Page - Microchip Technology MCP6C26 Datasheet HTML 30Page - Microchip Technology MCP6C26 Datasheet HTML 31Page - Microchip Technology MCP6C26 Datasheet HTML 32Page - Microchip Technology MCP6C26 Datasheet HTML 33Page - Microchip Technology MCP6C26 Datasheet HTML 34Page - Microchip Technology MCP6C26 Datasheet HTML 35Page - Microchip Technology MCP6C26 Datasheet HTML 36Page - Microchip Technology MCP6C26 Datasheet HTML 37Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006928A-page 36
MCP6C26
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XXX
Package
Temperature
Range
Device
Examples:
a) MCP6C26T-050E/LTY:
Tape and Reel,
Differential Gain = 50,
Extended Temperature,
6LD SC70
b) MCP6C26T-100E/LTY:
Tape and Reel,
Differential Gain = 100,
Extended Temperature,
6LD SC70
c) MCP6C26T-200E/LTY:
Tape and Reel,
Differential Gain = 200,
Extended Temperature,
6LD SC70
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
[X](1)
Tape and Reel
Option
-XXX
Gain Option
Device:
MCP6C26:
36V High and Low-Side Current Sense Difference
Amplifier
Tape and Reel
Option:
T
= Tape and Reel(1)
Gain Option:
050
= Differential Gain of 50 V/V
100
= Differential Gain of 100 V/V
200
= Differential Gain of 200 V/V
Temperature
Range:
E= -40
C to +125°C (Extended)
Package:
LTY
= Plastic Small Outline Transistor (SC-70),
6-Lead Nickel-Palladium-Gold Leadframe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com