Electronic Components Datasheet Search
  English  ▼

X  

MCH6937 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # MCH6937
Description  TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6937 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  MCH6937 Datasheet HTML 1Page - Sanyo Semicon Device MCH6937 Datasheet HTML 2Page - Sanyo Semicon Device MCH6937 Datasheet HTML 3Page - Sanyo Semicon Device MCH6937 Datasheet HTML 4Page - Sanyo Semicon Device MCH6937 Datasheet HTML 5Page - Sanyo Semicon Device MCH6937 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MCH6937
No.8040-1/6
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN8040A
MCH6937
TR : PNP Epitaxial Planar Silicon Transistor
FET : N-Channel Silicon MOSFET
Power Management Switch
Applications
SANYO Semiconductors
DATA SHEET
Features
•
Composite type with a PNP transistor and a N-ch MOSFET contained in one package facilitating high-density
mounting.
•
Ultrasmall package permitting applied sets to be small and slim.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
[TR]
Collector-to-Base Voltage
VCBO
--30
V
Collector-to-Emitter Voltage
VCEO
--30
V
Emitter-to-Base Voltage
VEBO
--5
V
Collector Current
IC
--300
mA
Collector Current (Pulse)
ICP
--600
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2
✕0.8mm)
0.5
W
Junction Temperature
Tj
150
°C
[FET]
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current
ID
150
mA
Drain Current (Pulse)
IDP
600
mA
Allowable Power Dissipation
PD
Mounted on a ceramic board (600mm2
✕0.8mm)
0.5
W
Channel Temperature
Tch
150
°C
[Common Rating]
Total Dissipation
PT
Mounted on a ceramic board (600mm2
✕0.8mm)
0.55
W
Storage Temperature
Tstg
--55 to +150
°C
Marking : EY
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
30707 TI IM TC-00000563 / 12805EA TS IM TB-00001159


Similar Part No. - MCH6937

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6931 SANYO-MCH6931 Datasheet
77Kb / 6P
MCH6931
MCH6933 SANYO-MCH6933 Datasheet
70Kb / 6P
MCH6933
MCH6935 SANYO-MCH6935 Datasheet
71Kb / 6P
TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch Applications
More results

Similar Description - MCH6937

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN09D57 PANASONIC-XN09D57 Datasheet
101Kb / 4P
Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
XN09D58 PANASONIC-XN09D58 Datasheet
102Kb / 4P
Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
logo
Continental Device Indi...
2N6708 CDIL-2N6708 Datasheet
132Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Panasonic Semiconductor
XN09D61 PANASONIC-XN09D61 Datasheet
107Kb / 5P
Silicon PNP epitaxial planar type (Tr) / Silicon epitaxial planar type (SBD)
logo
Sanyo Semicon Device
MCH6935 SANYO-MCH6935 Datasheet
71Kb / 6P
TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch Applications
logo
Guangdong Kexin Industr...
2SA1257 KEXIN-2SA1257 Datasheet
40Kb / 2P
PNP Epitaxial Planar Silicon Transistor
2SB1396 KEXIN-2SB1396 Datasheet
52Kb / 1P
PNP Epitaxial Planar Silicon Transistor
logo
Sanyo Semicon Device
ECH8901 SANYO-ECH8901 Datasheet
369Kb / 6P
PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N_15 Datasheet
1Mb / 4P
Silicon Epitaxial Planar Power Management
logo
TT Electronics.
2N5333 TTELEC-2N5333 Datasheet
91Kb / 3P
SILICON EPITAXIAL PLANAR PNP POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com