Electronic Components Datasheet Search
  English  ▼

X  

MCH6937 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH6937
Description  TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6937 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH6937 Datasheet HTML 1Page - Sanyo Semicon Device MCH6937 Datasheet HTML 2Page - Sanyo Semicon Device MCH6937 Datasheet HTML 3Page - Sanyo Semicon Device MCH6937 Datasheet HTML 4Page - Sanyo Semicon Device MCH6937 Datasheet HTML 5Page - Sanyo Semicon Device MCH6937 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCH6937
No.8040-3/6
0
0
--20
--40
--60
--80
--100
--120
--140
--160
--180
--200
IC -- VCE
IT04096
IT04098
IT04097
IT04099
--0.2
--0.4
--1.0
--1.2
--0.6
--0.8
--1.4
--1.6
--1.8
--2.0
IC -- VBE
hFE -- IC
23
5
7
--1.0
--10
23
5
7 --100
23
5
100
2
3
5
1000
7
5
7
--10
--1.0
--10
23
5
7
23
5
7
--100
23
5
--100
2
3
5
7
2
3
5
7
VCE(sat) -- IC
IB=0mA
--0.2mA
--0.4mA
--0.6mA
--0.8mA
--1.0mA
IC / IB=20
VCE= --2V
Ta=75°C
25°C
--25°C
Ta=75
°C
--25°C
--1.8mA
--1.6mA
--1.4mA
--1.2mA
25°
C
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
--100
--200
--300
--400
0
0--0.2
--0.4
--0.6
--0.8
--1.0
VCE= --2V
[TR]
[TR]
[TR]
[TR]
IT04100
IT04101
VBE(sat) -- IC
--1.0
--10
23
5
7
23
5
7
--100
23
5
3
--1000
2
3
5
7
--1.0
--10
23
5
7
23
5
7
--100
23
5
5
100
2
3
5
1000
7
7
fT -- IC
IC / IB=20
VCE= --10V
Ta= --25°C
75°C
25°C
Collector Current, IC -- mA
Collector Current, IC -- mA
[TR]
[TR]
Switching Time Test Circuit
VR
RB
VCC= --12V
VBE=5V
+
+
50Ω
INPUT
OUTPUT
RL
220µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
IC=20IB1= --20IB2= --100mA
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID=80mA
RL=187.5Ω
VDD=15V
VOUT
MCH6937
VIN
4V
0V
VIN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com