Electronic Components Datasheet Search
  English  ▼

X  

MCH6937 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # MCH6937
Description  TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6937 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  MCH6937 Datasheet HTML 1Page - Sanyo Semicon Device MCH6937 Datasheet HTML 2Page - Sanyo Semicon Device MCH6937 Datasheet HTML 3Page - Sanyo Semicon Device MCH6937 Datasheet HTML 4Page - Sanyo Semicon Device MCH6937 Datasheet HTML 5Page - Sanyo Semicon Device MCH6937 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCH6937
No.8040-4/6
IT04102
1.0
Cob -- VCB
--0.1
--1.0
23
5
7
23
5
7
--10
23
5
10
2
3
5
7
f=1MHz
Collector-to-Base Voltage, VCB -- V
PC -- Ta
Ambient Temperature, Ta --
°C
f=1MHz
--0.1
5
Ron -- IB
IT06066
3
2
10
7
5
3
2
7
1.0
5
3
2
57
3
2
57
--1.0
--10
OUT
IN
1k
Ω
1k
Ω
IB
Base Current, IB -- mA
[TR]
[TR]
[TR]
0
0
0.1
0.2
IT06744
0.3
0.4
0.5
0.6
40
20
100
120
60
80
140
160
Mounted
on
a
ceramic
board
(600mm
2✕
0.8mm)1unit
[FET]
[FET]
0
0
0.02
0.2
0.06
0.04
0.08
0.4
0.10
0.12
0.14
0.16
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
VGS=1.5V
2.0V
4.0V
3.5V
IT00029
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
0
0
0.5
1.0
1.5
2.0
0.15
0.10
0.05
0.30
0.25
0.20
2.5
3.0
VDS=10V
IT00030
0
0
12
1
34
2
56
3
4
5
6
7
8
9
10
78
9
10
Ta=25
°C
0.01
0.1
23
5
7
23
5
7
5
3
2
1.0
25
°C
--25
°C
Ta=75
°C
IT00031
IT00032
VGS=4V
ID=40mA
80mA
[FET]
[FET]
Drain Current, ID -- A
RDS(on) -- VGS
RDS(on) -- ID
Gate-to-Source Voltage, VGS -- V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com