Electronic Components Datasheet Search
  English  ▼

X  

HV7351 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV7351
Description  8-Channel, ±70V, 3A Programmable High-Voltage Ultrasound-Transmit Beamformer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV7351 Datasheet HTML 4Page - Microchip Technology HV7351 Datasheet HTML 5Page - Microchip Technology HV7351 Datasheet HTML 6Page - Microchip Technology HV7351 Datasheet HTML 7Page - Microchip Technology HV7351 Datasheet HTML 8Page - Microchip Technology HV7351 Datasheet HTML 9Page - Microchip Technology HV7351 Datasheet HTML 10Page - Microchip Technology HV7351 Datasheet HTML 11Page - Microchip Technology HV7351 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
HV7351
DS20005412B-page 8
 2015-2019 Microchip Technology Inc.
Output Propagation
Delay Rise Time 1
tdr1
11
14
18
ns
No load
Output Propagation
Delay Fall Time 1
tdf1
11
14
18
ns
Output Propagation
Delay Rise Time 2
tdr2
12
15
19
ns
Output Propagation
Delay Fall Time 2
tdf2
11
15
18
ns
Output Propagation
Delay Rise Time 3
tdr3
12
15
19
ns
Output Propagation
Delay Fall Time 3
tdf3
11
15
18
ns
CW Output
Propagation Delay
Time from Low-to-High
tdcwlh
10
13
17
ns
VPP = +5.0V, VNN = -5.0V,
no load
CW Output
Propagation Delay
Time from High-to-Low
tdcwhl
10
14
17
ns
Delay Time Matching
tdcwhl
—
±0.7
—
ns
P to N,
channel-to-channel
matching
Delay Jitter on Rise
or Fall
tJCW
—13—
ps
VPP = +5.0V, VNN = -5.0V,
Load = 50
 (Note 2)
Latency
LAT
3.5
TCK
Note 2
Output P-Channel MOSFET to VPP, CW = 0
Output
Saturation Current
IOUT
2.2
3.2
—
A
Output On-Resistance
RON
—4.2
—
IOUT = 100 mA
Output Capacitance
COSS
—62—
pF
VPP – VOUT = 25V,
f = 1.0 MHz (Note 2)
Output N-Channel MOSFET to VNN, CW = 0
Output
Saturation Current
IOUT
2.2
3.2
—
A
Output On-Resistance
RON
—2.4
—
IOUT = -100 mA
Output Capacitance
COSS
—50—
pF
VNN – VOUT = -25V,
f = 1.0 MHz (Note 2)
Output P-Channel MOSFET to VPP, CW = 1
Output
Saturation Current
IOUT
1.2
1.5
—
A
Output On-Resistance
RON
—8—
IOUT = 100 mA
Output Capacitance
COSS
—62—
pF
VPP – VOUT = 25V,
f = 1.0 MHz (Note 2)
AC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified: VLL = 3.3V, AVDD = DVDD = PVDD = VRP = 5.0V,
PVSS = VRN = -5.0V, VPP = +70V, VNN = -70V, TA = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification is obtained by characterization and is not 100% tested.
2:
Specification is for design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com