Electronic Components Datasheet Search
  English  ▼

X  

HV7351 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV7351
Description  8-Channel, ±70V, 3A Programmable High-Voltage Ultrasound-Transmit Beamformer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 1 Page - Microchip Technology

  HV7351 Datasheet HTML 1Page - Microchip Technology HV7351 Datasheet HTML 2Page - Microchip Technology HV7351 Datasheet HTML 3Page - Microchip Technology HV7351 Datasheet HTML 4Page - Microchip Technology HV7351 Datasheet HTML 5Page - Microchip Technology HV7351 Datasheet HTML 6Page - Microchip Technology HV7351 Datasheet HTML 7Page - Microchip Technology HV7351 Datasheet HTML 8Page - Microchip Technology HV7351 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2015-2019 Microchip Technology Inc.
DS20005412B-page 1
HV7351
Features
• Eight Channels with Return-to-Zero (RTZ)
• Up to ±70V Output Voltage
• ±3.0A Output Current
• Stores up to Four Different Patterns
• Independent Programmable Delays
• 80-Lead Single 11 x 11 mm VQFN Package
Applications
• Medical Ultrasound Imaging
• Non-Destructive Testing (NDT)
• Arbitrary Pattern Generator
• High-Speed PIN Diode Driver
General Description
The HV7351 device is an 8-channel, programmable
high-voltage ultrasound-transmit beamformer. Each
channel is capable of swinging up to ±70V with an
active discharge back to 0V. The outputs can source
and sink up to 3.0A to achieve fast output rise and fall
times. The active discharge is also capable of sourcing
and sinking 3.0A for a fast return to ground. The topol-
ogy of the HV7351 will significantly reduce the number
of I/O logic control lines needed.
Each pulser has four associated 64-bit Shift registers
for storing predetermined transmit patterns and a 10-bit
delay counter for controlling the transmit time. One of
four arbitrary patterns can be transmitted with adjust-
able delay, depending on the data loaded into these
Shift registers and the delay counter. The delay counter
can be clocked up to 200 MHz, allowing incremental
delays down to 5 ns.
Typical Application Circuit
Tx128
TRIG
Tx127
Tx3
Tx2
Tx1
tDELAY1
TRIG
HV7351
8-Channel
U1
HV7351
8-Channel
U2
HV7351
8-Channel
U16
tDELAY2
tDELAY3
tDELAY127
tDELAY128
E3
E1
E2
E127
E128
Array
Probe
8-Channel, ±70V, 3A Programmable High-Voltage
Ultrasound-Transmit Beamformer


Similar Part No. - HV7351

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7351 SUTEX-HV7351 Datasheet
924Kb / 15P
Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
logo
Microchip Technology
HV7351 MICROCHIP-HV7351 Datasheet
304Kb / 26P
8-Channel, 짹70V, 3A Programmable High-Voltage
01/27/15
logo
Supertex, Inc
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
logo
Microchip Technology
HV7351K6-G MICROCHIP-HV7351K6-G Datasheet
304Kb / 26P
8-Channel, 짹70V, 3A Programmable High-Voltage
01/27/15
More results

Similar Description - HV7351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
LM96550 Ultrasound Transmit Pulser
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
LM96570 Ultrasound Configurable Transmit Beamformer
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
Ultrasound Transmit/Receive Switch
logo
Supertex, Inc
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
Ultrasound Transmit Pulser
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
Ultrasound Configurable Transmit Beamformer
logo
Microchip Technology
HV7351 MICROCHIP-HV7351 Datasheet
304Kb / 26P
8-Channel, 짹70V, 3A Programmable High-Voltage
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com