Electronic Components Datasheet Search
  English  ▼

X  

TPB65R075DFD Datasheet(PDF) 1 Page - Wuxi Unigroup Microelectronics Company

Part # TPB65R075DFD
Description  650V Super-junction Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPB65R075DFD Datasheet(HTML) 1 Page - Wuxi Unigroup Microelectronics Company

  TPB65R075DFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPB65R075DFD,TPP65R075DFD,TPW65R075DFD
Wuxi Unigroup Microelectronics Co.,Ltd
V1.0
www.tsinghuaicwx.com
Description
650V Super-junction Power MOSFET
Super-junction power MOSFET is a revolutionary technology for high voltage power MOSFETs,designed according to the SJ
principle. The deep trench SJ MOSFET provide an extremely low switching, communication and conduction losses device with
highest robustness make especially resonant switching applications more reliable, more efficient, lighter and cooler, designed by
Wuxi Unigroup Microelectronics Company
Features
l
Ultra-fast body diode
l
Very low FOM RDS(on)×Qg
l
Easy to use/drive
l
100% avalanche tested
l
RoHS compliant
Applications
l
Switch Mode Power Supply (SMPS)
l
Uninterruptible Power Supply (UPS)
l
Power Factor Correction (PFC)
l
LLC Half-bridge
l
Charger
Device Marking and Package Information
Device
Package
Marking
TPB65R075DFD
TO-263
65R075DFD
TPP65R075DFD
TO-220
65R075DFD
TPW65R075DFD
TO-247
65R075DFD
Key Performance Parameters
Parameter
Value
Unit
VDS @ Tj,max
700
V
RDS(on),max
0.075
Ω
Qg,typ
81
nC
ID
45
A
ID,pulse
135
A
EOSS @ 400V
10.29
μJ
trr
176
ns
Qrr
1.4
μC
Irrm
16
A
650V Super-junction Power MOSFET
1
TO-220
TO-247
TO-263


Similar Part No. - TPB65R075DFD

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPB65R075DFD WUMC-TPB65R075DFD Datasheet
757Kb / 10P
650V Super-junction Power MOSFET
V1.0
TPB65R075DFD WUMC-TPB65R075DFD Datasheet
753Kb / 10P
650V Super-junction Power MOSFET
V1.0
TPB65R075DFD WUMC-TPB65R075DFD Datasheet
753Kb / 10P
650V Super-junction Power MOSFET
V1.0
More results

Similar Description - TPB65R075DFD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
650V Super-Junction Power MOSFET
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
650V Super-Junction Power MOSFET
WFF12N65S WINSEMI-WFF12N65S Datasheet
389Kb / 6P
650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA65R280D WUMC-TPA65R280D Datasheet
893Kb / 9P
650V Super-Junction Power MOSFET
TPA65R940C WUMC-TPA65R940C Datasheet
983Kb / 9P
650V Super-Junction Power MOSFET
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
650V Super-Junction Power MOSFET
TPV65R085CFD WUMC-TPV65R085CFD Datasheet
692Kb / 8P
650V Super-Junction Power MOSFET
TPW65R080C WUMC-TPW65R080C Datasheet
692Kb / 8P
650V Super-Junction Power MOSFET
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
650V Super-Junction Power MOSFET
TPA65R1K2C WUMC-TPA65R1K2C Datasheet
1Mb / 12P
650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com