Electronic Components Datasheet Search
  English  ▼

X  

TPB65R075DFD Datasheet(PDF) 4 Page - Wuxi Unigroup Microelectronics Company

Part # TPB65R075DFD
Description  650V Super-junction Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPB65R075DFD Datasheet(HTML) 4 Page - Wuxi Unigroup Microelectronics Company

  TPB65R075DFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPB65R075DFD Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPB65R075DFD,TPP65R075DFD,TPW65R075DFD
Wuxi Unigroup Microelectronics Co.,Ltd
V1.0
www.tsinghuaicwx.com
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
4
Typical Characteristics TJ = 25ºC, unless otherwise noted
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 3 .On-Resistance vs. Drain Current
Figure 4. Capacitance
Figure 5. Gate Charge
VDS, Drain-to-Source Voltage (V)
VGS, Gate-to-Source Voltage (V)
VSD, Drain-to-Drain Voltage (V)
VDS, Drain-to-Source Voltage (V)
Qg, Total Gate Charge (nC)
VSD, Source-to-Drain Voltage (V)
TJ = 25ºC
TJ = 150ºC
0
100
200
300
400
500
600
700
104
103
102
101
100
105
Ciss
Coss
Crss
0
2
4
6
8
10
12
0
20
40
60
80
100
VDD = 520V
VDD = 120V
VDS = 10V
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10 12 14 16 18 20
20V
10V
8V
7V
6V
5V
0
0.5
1
1.5
2
102
101
100
10-1
10-2
10-3
TJ = 25ºC
TJ = 150ºC
Figure 6. Body Diode Forward Voltage
0.052
0.053
0.054
0.055
0.056
0.057
0.058
0.059
0
5
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com