Electronic Components Datasheet Search
  English  ▼

X  

VEC2811 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # VEC2811
Description  MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2811 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  VEC2811 Datasheet HTML 1Page - Sanyo Semicon Device VEC2811 Datasheet HTML 2Page - Sanyo Semicon Device VEC2811 Datasheet HTML 3Page - Sanyo Semicon Device VEC2811 Datasheet HTML 4Page - Sanyo Semicon Device VEC2811 Datasheet HTML 5Page - Sanyo Semicon Device VEC2811 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VEC2811
No.8287-1/6
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8287
VEC2811
MOSFET : P-Channel Silicon MOSFET
SBD : Schottky Barrier Diode
General-Purpose Switching Device
Applications
Features
•
DC/DC converter.
•
Composite type with a P-Channel Sillicon MOSFET and a Schottky Barrier Diode contained in one package
facilitating high-density mounting.
•
[MOSFET]
•
Low ON-resistance.
•
4V drive.
•
[SBD]
•
Short reverse recovery time.
•
Low forward voltage.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
[MOSFET]
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--3
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--12
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2!0.8mm) 1unit
0.9
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +125
°C
[SBD]
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
30
V
Average Output Current
IO
2A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Marking : BY
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
70505PE MS IM TB-00001099


Similar Part No. - VEC2811

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VEC2812 SANYO-VEC2812 Datasheet
53Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2813 SANYO-VEC2813 Datasheet
54Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2814 SANYO-VEC2814 Datasheet
54Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2815 SANYO-VEC2815 Datasheet
72Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
VEC2818 SANYO-VEC2818 Datasheet
64Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results

Similar Description - VEC2811

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5846 SANYO-CPH5846 Datasheet
54Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5854 SANYO-CPH5854 Datasheet
55Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5857 SANYO-CPH5857 Datasheet
72Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5835 SANYO-CPH5835_07 Datasheet
51Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
FW507 SANYO-FW507 Datasheet
50Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2811 SANYO-SCH2811 Datasheet
55Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2822 SANYO-SCH2822 Datasheet
67Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2830 SANYO-SCH2830 Datasheet
68Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2818 SANYO-VEC2818 Datasheet
64Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2819 SANYO-VEC2819 Datasheet
69Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com