Electronic Components Datasheet Search
  English  ▼

X  

VEC2811 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # VEC2811
Description  MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2811 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  VEC2811 Datasheet HTML 1Page - Sanyo Semicon Device VEC2811 Datasheet HTML 2Page - Sanyo Semicon Device VEC2811 Datasheet HTML 3Page - Sanyo Semicon Device VEC2811 Datasheet HTML 4Page - Sanyo Semicon Device VEC2811 Datasheet HTML 5Page - Sanyo Semicon Device VEC2811 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VEC2811
No.8287-5/6
0.1
1.0
10
100
2
2
3
5
7
3
5
7
23
5
7
23
23
57
5
0
0
1.2
1.0
0.8
0.6
0.4
0.2
1.0
2.5
2.0
0.5
1.5
IT08571
IT08572
(1)
(2) (4) (3)
C -- VR
PF(AV) -- IO
Average Output Current, IO -- A
Reverse Voltage, VR -- V
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
0
0.10
IT08568
10
0
35
IT08569
0.01
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
0.20
0.30
0.40
0.50
0.05
0.15
0.25
0.35
0.45
0.0001
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
0.001
0.01
0.1
1.0
2
3
5
7
10
2
3
5
7
100
20
15
525
30
Ta=125°
C
100°C
75°C
50°C
25°C
--25°C
IF -- VF
Forward Voltage, VF -- V
IR -- VR
Reverse Voltage, VR -- V
IT03090
7
6
5
4
3
2
1
0
7 0.01
0.1
23
5
7
23
5
7
1.0
23
[SBD]
IS
20ms
t
Current waveform : 50Hz sine wave
Time, t -- s
IFSM -- t
180
°
360
°
θ
360
°
Rectangular
wave
Sine wave



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com