Electronic Components Datasheet Search
  English  ▼

X  

VEC2811 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # VEC2811
Description  MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2811 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  VEC2811 Datasheet HTML 1Page - Sanyo Semicon Device VEC2811 Datasheet HTML 2Page - Sanyo Semicon Device VEC2811 Datasheet HTML 3Page - Sanyo Semicon Device VEC2811 Datasheet HTML 4Page - Sanyo Semicon Device VEC2811 Datasheet HTML 5Page - Sanyo Semicon Device VEC2811 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VEC2811
No.8287-3/6
Switching Time Test Circuit
trr Test Circuit
[MOSFET]
[SBD]
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID= --1.5A
RL=10Ω
VDD= --15V
VOUT
VEC2811
VIN
0V
--10V
VIN
Duty
≤10%
50
Ω
100
Ω
10
Ω
--5V
trr
10
µs
[MOSFET]
[MOSFET]
[MOSFET]
[MOSFET]
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0
0
--0.5
--1.0
--2.0
--2.5
--3.0
--3.5
--4.0
--0.2
--1.5
--0.4
--0.1
--0.3
--0.5
--0.7
--0.9
--0.6
--0.8
--1.0
--0.5
--1.0
--2.5
0
--1.5
--2.0
--3.0
0
--1
--2
--3
--4
--5
IT07767
IT07768
VDS= --10V
VGS= --2.5V
160
220
180
200
80
140
100
40
60
120
IT07769
--2
--4
--6
--12
0
--8
--10
--0.7A
Ta=25
°C
ID= --1.5A
--75
--50
--25
0
25
50
75
125
100
200
220
20
160
140
120
180
100
40
60
80
175
150
IT09169
ID=
--1.5
A, VGS
= --10V
I D
= --0.7
A, V
GS
= --
4V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com