Electronic Components Datasheet Search
  English  ▼

X  

VEC2813 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # VEC2813
Description  MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2813 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  VEC2813 Datasheet HTML 1Page - Sanyo Semicon Device VEC2813 Datasheet HTML 2Page - Sanyo Semicon Device VEC2813 Datasheet HTML 3Page - Sanyo Semicon Device VEC2813 Datasheet HTML 4Page - Sanyo Semicon Device VEC2813 Datasheet HTML 5Page - Sanyo Semicon Device VEC2813 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VEC2813
No. A0384-2/6
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[MOSFET]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGSS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.4
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=1.4A
3.4
5.6
S
RDS(on)1
ID=1.5A, VGS=4V
51
66
m
Ω
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=0.7A, VGS=2.5V
61
85
m
Ω
RDS(on)3
ID=0.3A, VGS=1.8V
75
113
m
Ω
Input Capacitance
Ciss
VDS=10V, f=1MHz
280
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
60
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
38
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
13
ns
Rise Time
tr
See specified Test Circuit.
35
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
35
ns
Fall Time
tf
See specified Test Circuit.
25
ns
Total Gate Charge
Qg
VDS=10V, VGS=4V, ID=3A
8.8
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=4V, ID=3A
0.85
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=4V, ID=3A
0.85
nC
Diode Forward Voltage
VSD
IS=3A, VGS=0V
0.82
1.2
V
[SBD]
Reverse Voltage
VR
IR=2mA
30
V
Forward Voltage
VF
IF=2A
0.4
0.45
V
Reverse Current
IR
VR=15V
1.25
mA
Interterminal Capacitance
C
VR=10V, f=1MHz
75
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
20
ns
Package Dimensions
Electrical Connection
unit : mm (typ)
7012-004
2.9
0.65
0.3
123
4
87
6 5
0.15
1 : Anode
2 : No Contact
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Cathode
8 : Cathode
SANYO : VEC8
87
6
5
123
4
1 : Anode
2 : No Contact
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Cathode
8 : Cathode
Top view



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com