Electronic Components Datasheet Search
  English  ▼

X  

VEC2813 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # VEC2813
Description  MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2813 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  VEC2813 Datasheet HTML 1Page - Sanyo Semicon Device VEC2813 Datasheet HTML 2Page - Sanyo Semicon Device VEC2813 Datasheet HTML 3Page - Sanyo Semicon Device VEC2813 Datasheet HTML 4Page - Sanyo Semicon Device VEC2813 Datasheet HTML 5Page - Sanyo Semicon Device VEC2813 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VEC2813
No. A0384-4/6
[MOSFET]
yfs -- ID
IS -- VSD
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
[MOSFET]
[MOSFET]
[MOSFET]
[MOSFET]
0123456789
10
0.1
23
5
7
1.0
23
5
7
10
1.0
10
100
7
5
3
2
3
2
7
5
3
2
IT03498
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
VDD=10V
VGS=4V
td(on)
td(off)
t r
IT03496
02468
10
12
14
16
18
20
IT03497
10
100
2
7
5
3
1000
2
7
5
3
Ciss
Coss
Crss
f=1MHz
VDS=10V
ID=3A
tf
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
VGS -- Qg
Total Gate Charge, Qg -- nC
0
0.2
0.4
0.6
0.8
1.0
1.2
IT10937
IT10938
0.001
2
0.01
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
VGS=0V
0.01
0.1
2
3
5
7
2
3
2
3
5
7
1.0
0.1
10
7
5
3
2
1.0
7
5
3
210
7
5
3
2
VDS=10V
75
°C
Ta=
--25
°C
25°
C
0
0
20
40
0.6
1.0
0.4
0.2
0.8
60
80
100
120
140
160
IT10953
3
10
2
3
5
7
2
3
5
7
2
3
5
7
2
1.0
0.1
0.01
23
5 7
0.01
0.1
23
5 7 1.0
2
IT10952
100ms
DC
operation
1ms
10ms
PW
≤10µs
Operation in this
area is limited by RDS(on).
ID=3A
IDP=12A
100
µ
s
32
3
57 10
[MOSFET]
[MOSFET]
PD -- Ta
Ambient Temperature, Ta --
°C
Mounted
on
a ceramic
board
(900mm
2!
0.8mm)
1unit
A S O
Drain-to-Source Voltage, VDS -- V
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2!0.8mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com