Electronic Components Datasheet Search
  English  ▼

X  

VEC2813 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # VEC2813
Description  MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2813 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  VEC2813 Datasheet HTML 1Page - Sanyo Semicon Device VEC2813 Datasheet HTML 2Page - Sanyo Semicon Device VEC2813 Datasheet HTML 3Page - Sanyo Semicon Device VEC2813 Datasheet HTML 4Page - Sanyo Semicon Device VEC2813 Datasheet HTML 5Page - Sanyo Semicon Device VEC2813 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VEC2813
No. A0384-3/6
Switching Time Test Circuit
trr Test Circuit
[MOSFET]
[SBD]
Duty
≤10%
50
Ω
100
Ω
10
Ω
--5V
trr
10
µs
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID=1.5A
RL=6.67Ω
VDD=10V
VOUT
VEC2813
VIN
4V
0V
VIN
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
[MOSFET]
[MOSFET]
[MOSFET]
[MOSFET]
50
100
150
0
1
2
3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IT10933
IT10934
VDS=10V
0
50
100
150
0
--100
--50
0
50
100
200
150
IT10935
IT10936
4
28
06
10
ID=0.3A
0.7A
1.5A
Ta=25
°C
I D
=0.3A,
V GS
=1.8V
I D
=0.7A,
V GS
=2.5V
ID=1.5A,
VGS
=4.0V
VGS=1.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com