Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3041
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 4 Page - Analog Devices

  LT3041 Datasheet HTML 1Page - Analog Devices LT3041 Datasheet HTML 2Page - Analog Devices LT3041 Datasheet HTML 3Page - Analog Devices LT3041 Datasheet HTML 4Page - Analog Devices LT3041 Datasheet HTML 5Page - Analog Devices LT3041 Datasheet HTML 6Page - Analog Devices LT3041 Datasheet HTML 7Page - Analog Devices LT3041 Datasheet HTML 8Page - Analog Devices LT3041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
4 of 62
(All typical specifications are at TJ(junction temperature). = 25°C and all min. and max. specifications are across
the entire operating temperature range, unless otherwise noted. COUT = 22µF, CSETCAP = 4.7µF, CBIASAF = 2.2µF,
and CBIASDF = 0.47µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
ΔVOUT =
f(ΔVBIAS)
VOUT = 3.3V, ∆VBIAS = 4.5V to 5.5V, VIN =
3.5V, IOUT = 10mA
2
ISETRES Load Regulation 1
ΔISETRES =
f(ΔIOUT)
VBIAS = 2.375V, VSETRES = VOUT = 1V, VIN =
1.2V,
ΔIOUT= 10mA to 3A
50
nA
100
VOUT Load Regulation 1
ΔVOUT =
f(ΔIOUT)
ΔIOUT= 50mA to
3A
VBIAS = 2.375V, VIN
= 0.7V, VOUT = 0.5V
0.6
mV
VOUT Load Regulation
ΔVOUT =
f(ΔIOUT)
ΔIOUT= 10mA to
3A
VBIAS = 2.4V, VIN =
1.4V, VOUT = 1.2V
1.2
mV
VBIAS = 4.5V, VIN =
3.5V, VOUT = 3.3V
3.3
VBIAS = 5.4V, VIN =
4.4V, VOUT = 4.2V
4.2
ISETRES Common Mode
Regulation
ΔISETRES =
f(ΔVSETRES)
VIN = 5.5V, VBIAS = 5.5V, 0.5V ≤ VOUT=
VSETRES ≤ 0.8V, IOUT = 50mA
50
nA
VIN = 5.5V, VBIAS = 5.5V, 0.8V ≤ VOUT=
VSETRES ≤ 4.2V, IOUT = 10mA
200
Output Offset Voltage
Common Mode
Regulation
ΔVOS =
f(ΔVSETRES)
VIN = 5.5V, VBIAS = 5.5V, 0.5V ≤ VOUT=
VSETRES ≤ 0.8V, IOUT = 50mA
0.5
mV
VIN = 5.5V, VBIAS = 5.5V, 0.8V ≤ VOUT=
VSETRES ≤ 4.2V, IOUT = 10mA
0.8
VOUT Margining Accuracy
MFR_MARGIN = 8’h33
±4
±5
±6.5
%
MFR_MARGIN = 8’h88
±25
±30
±37.5
Dropout Voltage 2
VDO
VIN = VOUT(NOMINAL),
VBIAS ≥ VOUT +
1.2V, IOUT = 1A
TJ = 25°C
15
22
mV
33
VIN = VOUT(NOMINAL),
VBIAS ≥ VOUT +
1.2V, IOUT = 2A
TJ = 25°C
30
44
66
VIN = VOUT(NOMINAL),
VBIAS ≥ VOUT +
1.2V, IOUT = 3A
TJ = 25°C
45
65
100
Minimum Load Current
IOUT(MIN)
VOUT ≥ 0.8V
10
mA
VOUT < 0.8V
50
Ground Pin Current
IGND
VIN = 1.4V, VOUT =
1.2V, VBIAS = 2.5V
IOUT = 10mA
4.6
7.9
mA
IOUT = 3A
4.9
9.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com