Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 39 Page - Analog Devices

Part # LT3041
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 39 Page - Analog Devices

Back Button LT3041 Datasheet HTML 35Page - Analog Devices LT3041 Datasheet HTML 36Page - Analog Devices LT3041 Datasheet HTML 37Page - Analog Devices LT3041 Datasheet HTML 38Page - Analog Devices LT3041 Datasheet HTML 39Page - Analog Devices LT3041 Datasheet HTML 40Page - Analog Devices LT3041 Datasheet HTML 41Page - Analog Devices LT3041 Datasheet HTML 42Page - Analog Devices LT3041 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
39 of 62
pin voltage is also measured by the on-chip analog-to-digital converter (ADC). This converted value is scaled back to
the output load current and reported over the PMBus interface using the READ_VOUT command. Do not load the
IMON pin externally. Any parasitic leakages or impedances to or from the IMON pin leads to an error in the measured
output load current.
Unlike most other linear regulators that use the IMON pin, external current limit programming is decoupled from the
current monitoring functionality and the IMON pin on the LT3074. External current limit on the LT3074 can only be
programmed using the IOUT_OC_FAULT_LIMIT command over the PMBus interface. See the IOUT_OC_FAULT_LIMIT
command for additional details on external current limit programming in the LT3074.
Output Overshoot Recovery and Active Discharge
During a load step change from full load to no load (or light load), the output voltage overshoots before the regulator
responds to turn the power transistor off. Given that there is no load (or light load) present at the output, it takes a
long time to discharge the output capacitor.
The LT3074 incorporates an overshoot recovery circuitry that turns on a current sink to discharge the output
capacitor in the event SENSE is higher than SETCAP. This current is typically about 500mA. In addition, if the EN/UV
pin is pulled low, forcing the part in NAP mode, this current sink turns on to enable an active discharge of the OUT
voltage.
If SENSE is externally held more than the SETCAP pin, the current sink turns on in an attempt to restore SENSE to its
programmed voltage. The current sink remains on until the external circuitry releases the SENSE pin.
Direct Paralleling for Higher Output Current
Higher output current is obtained by paralleling multiple LT3074 devices. Connect all SETRES, SETCAP, IN, and BIAS
pins together. Connect the OUT pins together using small pieces of PCB trace or actual sense resistors (used as ballast
resistors) beyond the feedback SENSE tap of each regulator to equalize the currents in LT3074 devices. Keep this
ballast trace area free of solder to maintain a controlled resistance. Table 9 shows the PCB trace resistance in mΩ/in.
The small worst case offset of 2mV for each paralleled LT3074 minimizes the required ballast resistor value. Figure
92 illustrates that two LT3074 devices, each using a 2mΩ PCB trace ballast resistor, provide better than 20% accurate
output current sharing at full load. The two 2mΩ external resistors only add 6mV of output regulation drop with 6A
maximum current. With a 1V output, this voltage drop only adds 0.6% to the regulation accuracy. As discussed
previously, connect the SENSE pin directly to the output capacitor.
Table 9. PC Board Trace Resistance
Weight (oz)
10 mil Width
20 mil Width
1
54.3
27.1
2
27.1
13.6
Trace resistance is measured in mΩ/in.
In addition, more than two LT3074 devices can be paralleled for even higher output current and lower output noise.
Paralleling multiple LT3074 devices is also useful for spreading heat on the PCB.
PCB Layout Considerations
Given the high bandwidth and high PSRR of LT3074, careful PCB layout must be employed to achieve full device
performance. Figure 87 shows the evaluation board with a layout that delivers the full performance of the regulator.
See the evaluation board for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com