Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3041
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3041 Datasheet HTML 5Page - Analog Devices LT3041 Datasheet HTML 6Page - Analog Devices LT3041 Datasheet HTML 7Page - Analog Devices LT3041 Datasheet HTML 8Page - Analog Devices LT3041 Datasheet HTML 9Page - Analog Devices LT3041 Datasheet HTML 10Page - Analog Devices LT3041 Datasheet HTML 11Page - Analog Devices LT3041 Datasheet HTML 12Page - Analog Devices LT3041 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
9 of 62
measurement is not guaranteed to precisely track transient power excursions in the power device. The internal
thermal shutdown sensor is designed to keep the LT3074 within its safe operating area.
5
The VIOC buffer outputs a voltage equal to VIN− VOUT+ 800mV. See the Applications Information section for
further information. The VIOC pin’s source current should be set between 10µA and 200µA. The minimum
voltage required from BIAS to VIOC is 1V.
6
Adding a capacitor at the SETCAP pin decreases output voltage noise. Adding this capacitor bypasses the
reference resistor’s thermal noise as well as the reference current’s noise. The output noise then equals the
error amplifier noise. Use of a SETCAP pin bypass capacitor also increases start-up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com