Electronic Components Datasheet Search
  English  ▼

X  

LT3042 Datasheet(PDF) 49 Page - Analog Devices

Part # LT3042
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3042 Datasheet(HTML) 49 Page - Analog Devices

Back Button LT3042 Datasheet HTML 45Page - Analog Devices LT3042 Datasheet HTML 46Page - Analog Devices LT3042 Datasheet HTML 47Page - Analog Devices LT3042 Datasheet HTML 48Page - Analog Devices LT3042 Datasheet HTML 49Page - Analog Devices LT3042 Datasheet HTML 50Page - Analog Devices LT3042 Datasheet HTML 51Page - Analog Devices LT3042 Datasheet HTML 52Page - Analog Devices LT3042 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
49 of 62
Sets the IOUT bit in the STATUS_WORD register.
Sets the IOUT_OC_FAULT bit in the STATUS_IOUT register.
Notifies the host by asserting the ALERT pin.
This read-only command has one data byte.
OT_WARN_LIMIT
The OT_WARN_LIMIT command sets the value of the average die temperature measured by the on-chip temperature
sensor, in degrees Celsius, which causes an overtemperature warning. The die temperature measured and converted
by the ADC (and reported using the READ_TEMPERATURE_1 command) is used to compare the average die
temperature to the limit value. As a result, there can be up to 50ms delay from the time the average die temperature
hits the limit to the time the fault is reported. Transitionary faults that last for a time period smaller than the ADC
conversion time are filtered out and not reported.
In response to the OT_WARN_LIMIT being exceeded, the device:
•
Sets the TEMPERATURE bit in STATUS_BYTE register.
•
Sets the TEMPERATURE bit in the STATUS_WORD register.
•
Sets the OVTWARNING bit in the STATUS_TEMPERATURE register.
•
Notifies the host by asserting the ALERT pin.
This command has two data bytes and is formatted in the Linear_5s_1s format.
VIN_OV_WARN_LIMIT
The VIN_OV_WARN_LIMIT command sets the value of the input voltage measured at the IN pin, in Volts, which causes
an input voltage high warning. The input voltage measured and converted by the ADC (and reported using the
READ_VIN command) is used to compare the actual input voltage to the limit value. As a result, there can be up to a
20ms delay from the time the input voltage hits the limit to the time the fault is reported. Transitionary faults that
last for a time period smaller than the ADC conversion time are filtered out and not reported.
In response to the VIN_OV_WARN_LIMIT being exceeded, the device:
Sets the NONE_OF_THE_ABOVE bit in STATUS_BYTE register.
Sets the INPUT bit in the STATUS_WORD register.
Sets the VIN_OV_WARNING bit in the STATUS_INPUT register.
Notifies the host by asserting the ALERT pin.
This command has two data bytes and is formatted in the Linear_5s_11s format.
VIN_UV_WARN_LIMIT
The VIN_UV_WARN_LIMIT command sets the value of the input voltage measured at the IN pin, in Volts, which causes
an input voltage low warning. The input voltage measured and converted by the ADC (and reported using the
READ_VIN command) is used to compare the actual input voltage to the limit value. As a result, there can be up to a
20ms delay from the time the input voltage hits the limit to the time the fault is reported. Transitionary faults that
last for a time period smaller than the ADC conversion time are filtered out and not reported.
In response to the VIN_UV_WARN_LIMIT being exceeded, the device:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com