Electronic Components Datasheet Search
  English  ▼

X  

LT3042 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3042
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3042 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3042 Datasheet HTML 15Page - Analog Devices LT3042 Datasheet HTML 16Page - Analog Devices LT3042 Datasheet HTML 17Page - Analog Devices LT3042 Datasheet HTML 18Page - Analog Devices LT3042 Datasheet HTML 19Page - Analog Devices LT3042 Datasheet HTML 20Page - Analog Devices LT3042 Datasheet HTML 21Page - Analog Devices LT3042 Datasheet HTML 22Page - Analog Devices LT3042 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
19 of 62
Figure 28. IBIAS vs. Bias in Dropout
Figure 29. IBIAS vs. Temperature in Dropout
Figure 30. BIAS UVLO
Figure 31. EN Threshold
Figure 32. EN Pin Current
Figure 33. PGFB Threshold
ILOAD = 100mA
VIN = VOUT(NOM) = 0.5V
VIN = VOUT(NOM) = 1.2V
VIN = VOUT(NOM) = 3.3V
BIAS VOLTAGE (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
35
40
45
50
VIN = VOUT(NOM) = 0.5V
ILOAD = 100mA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
VBIAS RISING
VBIAS FALLING
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
EN RISING
EN FALLING
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
1.00
1.04
1.08
1.12
1.16
1.20
1.24
1.28
1.32
1.36
1.40
VBIAS = 5.5V
–55°C
–40°C
+25°C
+125°C
+150°C
EN PIN VOLTAGE (V)
0
0.6
1.1
1.7
2.2
2.8
3.3
3.8
4.4
4.9
5.5
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
VBIAS = 2.5V
PGFB RISING
PGFB FALLING
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
290
292
294
296
298
300
302
304
306
308
310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com