Electronic Components Datasheet Search
  English  ▼

X  

LT3042 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3042
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3042 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3042 Datasheet HTML 16Page - Analog Devices LT3042 Datasheet HTML 17Page - Analog Devices LT3042 Datasheet HTML 18Page - Analog Devices LT3042 Datasheet HTML 19Page - Analog Devices LT3042 Datasheet HTML 20Page - Analog Devices LT3042 Datasheet HTML 21Page - Analog Devices LT3042 Datasheet HTML 22Page - Analog Devices LT3042 Datasheet HTML 23Page - Analog Devices LT3042 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
20 of 62
Figure 34. PGFB Hysteresis
Figure 35. PG VOL
Figure 36. PG Leakage Current
Figure 37. VIOC Pin Voltage
Figure 38. VIOC Pin Voltage
Figure 39. IMON Pin Voltage
VBIAS = 2.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
16
18
20
IPG = 200µA
VIN = 0.7V
VOUT = 0.5V
ILOAD = 100mA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100
VIN = 0.7V
VSET = 0.5V
ILOAD = 100mA
VPG = VBIAS = 2.375V
VPG = VBIAS = 5.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
45
50
VIN = 1.4V
VOUT = 1.2V
VBIAS = 2.5V
ILOAD = 10mA
VIOC PIN CURRENT (µA)
0
20
40
60
80
100
120
140
160
180
200
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
VIN = 1.4V
VOUT = 1.2V
VBIAS = 2.5V
ILOAD = 10mA
IVIOC = 10µA
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
VIN = 1.2V
VOUT = 1.0V
VBIAS = 2.5V
–55°C
–40°C
+25°C
+125°C
+150°C
ILOAD (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
0
100
200
300
400
500
600
700
800
900
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com