Electronic Components Datasheet Search
  English  ▼

X  

SFH4182BS Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4182BS
Description  OSLON® P1616 Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4182BS Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH4182BS Datasheet HTML 2Page - OSRAM GmbH SFH4182BS Datasheet HTML 3Page - OSRAM GmbH SFH4182BS Datasheet HTML 4Page - OSRAM GmbH SFH4182BS Datasheet HTML 5Page - OSRAM GmbH SFH4182BS Datasheet HTML 6Page - OSRAM GmbH SFH4182BS Datasheet HTML 7Page - OSRAM GmbH SFH4182BS Datasheet HTML 8Page - OSRAM GmbH SFH4182BS Datasheet HTML 9Page - OSRAM GmbH SFH4182BS Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SFH 4182BS
DATASHEET
DATASHEET
6 | Version 1.0 | 2024-08-13
Brightness Groups
Group
Radiant intensity 1)2)
Radiant intensity 1)2)
I
F = 1000 mA; tp = 10 ms
I
F = 1000 mA; tp = 10 ms
min.
max.
I
e
I
e
CB2
400 mW/sr
450 mW/sr
DA1
450 mW/sr
500 mW/sr
DA2
500 mW/sr
560 mW/sr
DB1
560 mW/sr
630 mW/sr
Centroid Wavelength
Group
Centroid wavelength 4)
Centroid wavelength 4)
I
F = 1000 mA; tp = 10 ms
I
F = 1000 mA; tp = 10 ms
min.
max.
λ
centroid
λ
centroid
11
912 nm
925 nm
12
925 nm
930 nm
13
930 nm
950 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com