Electronic Components Datasheet Search
  English  ▼

X  

SFH4182BS Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SFH4182BS
Description  OSLON® P1616 Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4182BS Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SFH4182BS Datasheet HTML 7Page - OSRAM GmbH SFH4182BS Datasheet HTML 8Page - OSRAM GmbH SFH4182BS Datasheet HTML 9Page - OSRAM GmbH SFH4182BS Datasheet HTML 10Page - OSRAM GmbH SFH4182BS Datasheet HTML 11Page - OSRAM GmbH SFH4182BS Datasheet HTML 12Page - OSRAM GmbH SFH4182BS Datasheet HTML 13Page - OSRAM GmbH SFH4182BS Datasheet HTML 14Page - OSRAM GmbH SFH4182BS Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SFH 4182BS
DATASHEET
DATASHEET
11 | Version 1.0 | 2024-08-13
Max. Permissible Forward Current
I
F = f (TS)
0
20
40
60
80
100
[ ]
0.0
0.2
0.4
0.6
0.8
1.0
[ ]
Permissible Pulse Handling Capability
I
F = f (tp); duty cycle D = parameter; TS = 85°C
10-5 10-4 10-3 0.01 0.1
1
10
[ ]
0.0
0.5
1.0
1.5
2.0
[ ]
:D =1
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com