Electronic Components Datasheet Search
  English  ▼

X  

SFH4182BS Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4182BS
Description  OSLON® P1616 Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4182BS Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4182BS Datasheet HTML 1Page - OSRAM GmbH SFH4182BS Datasheet HTML 2Page - OSRAM GmbH SFH4182BS Datasheet HTML 3Page - OSRAM GmbH SFH4182BS Datasheet HTML 4Page - OSRAM GmbH SFH4182BS Datasheet HTML 5Page - OSRAM GmbH SFH4182BS Datasheet HTML 6Page - OSRAM GmbH SFH4182BS Datasheet HTML 7Page - OSRAM GmbH SFH4182BS Datasheet HTML 8Page - OSRAM GmbH SFH4182BS Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SFH 4182BS
DATASHEET
DATASHEET
1 | Version 1.0 | 2024-08-13
www.osram-os.com
SFH 4182BS
Datasheet
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - SFH4182BS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4180BS OSRAM-SFH4180BS Datasheet
1Mb / 22P
OSLON® P1616
Version 1.0 2024-08-13
SFH4180BS-FA2FB2-11 OSRAM-SFH4180BS-FA2FB2-11 Datasheet
1Mb / 22P
OSLON® P1616
Version 1.0 2024-08-13
SFH4180BS-FA2FB2-1113 OSRAM-SFH4180BS-FA2FB2-1113 Datasheet
1Mb / 22P
OSLON® P1616
Version 1.0 2024-08-13
SFH4180BS-FA2FB2-13 OSRAM-SFH4180BS-FA2FB2-13 Datasheet
1Mb / 22P
OSLON® P1616
Version 1.0 2024-08-13
logo
ams AG
SFH4180S AMSCO-SFH4180S Datasheet
1,005Kb / 17P
High Power Infrared Emitter (940 nm)
Version 1.3 2021-10-25
More results

Similar Description - SFH4182BS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
LTCQBP OSRAM-LTCQBP_18 Datasheet
964Kb / 21P
OSLON Signal
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com