Electronic Components Datasheet Search
  English  ▼

X  

DSP56300 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
4-6
Viterbi Decoder Implementation
Algorithmic Extensions
Allowing More General Branch Metrics
4.2.2
Modify Branch Metric Generation
The branch metric generation needs modification also. Example 4-2 shows the user a
different motivation for noncomplementary branch metrics. In this example, we use
convolutional code from Section 3, but take the path metric for state 0 and subtract it
from all branch metrics. This is a computationally inexpensive way to automatically
normalize the path metrics so that we need not worry about arithmetic saturation of
path metrics when decoding very long streams of data. It does, however, destroy the
symmetry of the branch metrics.
Example 4-2
Modified Branch Metric Generation Code
;*****************BRANCH METRIC MACRO*************************************
;
FUNCTION: Input data and generate branch metrics.
This function
;
subtracts the path metric for state 0 from all branch metrics
;
to provide autonormaliztion. For this decoder, the metric is a scaled
;
sum or difference of the real and imag inputs.
;
INPUTS:
;
r2 should point to the beginning of the branch metric table
;
r5 should point to the latest path metric for state 0
;
r1 should point to the next input XY data pair
;
OUTPUTS:
;
Branch metrics are stored at BRX in XY memory
;
REGISTERS USED:
;
a,b,x01,y01,r1,r2,r5, r5 unchanged,r2 unchanged (modulo req'd)
;****************************************************************
;
FindMetrics macro
move
x:(r5),a
;st. metric scaling, read last st. 0
neg
a
l:(r1)+,y ;negate metric|grab dec input
move
#-16,x1
;sign for real component, upper br.
mac
x1,y1,a
a,b
;comp 0x partial br. path mt. to
move
y1,x0
;mv real input to x0
mac
x1,y0,a
a,y1
;a gets 00 br. y1 gets 0x partial br
subl
a,b
b,x0
;a has 00 br, b has 11 br, save path
tfr
y1,a
a,y1
;swap 0x and 00 to compute 01 branch
mac
-x1,y0,a
b,x1
;a gets 01 br
tfr
x0,b
b,y0
;swap path metric,11 branch to y0
subl
a,b
y1,x0
;b gets 10 br, x0 has copy of 00 br.
;*****************************************************************************
;
AT this point, X is configured with br 11|00, y with 00|11, and
;
AB with 01|10, BA with 10|01 all needed for quick storage in XY
;
memory.
;*****************************************************************************
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com