Electronic Components Datasheet Search
  English  ▼

X  

DSP56300 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
Algorithmic Extensions
Allowing More General Branch Metrics
Viterbi Decoder Implementation
4-7
For this example, we are using the same code as in Section 3 to make the unnormalized
branch metrics symmetrical. For easy storage in memory, we want to generate metric
pairs. Each pair should have the values needed for the upper and lower branch metric
value needed for the butterfly. For this example, the branch metric for encoder output 00
will be paired with the branch metric value for 11 and the value for 01 paired with the
value for 10. All branch metrics will have the previous path metric for state 0 subtracted
from them. This means that after the Viterbi butterfly update, each path metric value
will have been normalized. It can be shown that this limits the worst case path metric
values to be no more than 12 times the maximum branch metric value (for this code
example).
The branch metric macro begins by reading in the last path metric for state 0. It then
negates that value in accumulator a and reads the decoder input into register y. The data
in y is assumed to be in the form y1:y0 mapped to real:imaginary data input. Next, the
scaling factor -16 is placed in register x1.
The mac instruction finds a partial branch metric by multiplying the real data by the
scaling factor and adding the result to the negated path metric value in a. We also save
the negated path metric value to b for later use.
Next, we move the real decoder input from y1 to x0. The next mac instruction multiplies
imaginary input by the scaling factor and adds it to a. The accumulator a now has the
normalized branch metric for encoder 00 outputs. At the same time, the partial branch
metric that was in a is saved in y1 for later use.
move
x,l:(r2)+
;store 11 in location 0.
move
ab,l:(r2)+
;store 01 in location 1
move
ba,l:(r2)+
;store 10 in location 2
move
y,l:(r2)+
;store 00 in location 3
move
y,l:(r2)+
;store 00 in location 4
move
ba,l:(r2)+
;store 10 in location 5
move
ab,l:(r2)+
;store 01 in location 6
move
x,l:(r2)+
;store 11 in location 7
move
ba,l:(r2)+
;store 10 in location 8
move
y,l:(r2)+
;store 00 in location 9
move
x,l:(r2)+
;store 11 in location 10
move
ab,l:(r2)+
;store 01 in location 11
move
ab,l:(r2)+
;store 01 in location 12
move
x,l:(r2)+
;store 11 in location 13
move
y,l:(r2)+
;store 00 in location 14
move
ba,l:(r2)+
;store 10 in location 15 r2-> BRX
endm
Example 4-2
Modified Branch Metric Generation Code (Continued)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com