Electronic Components Datasheet Search
  English  ▼

X  

HMC605LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC605LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC605LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC605LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5
5 - 190
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC605LP3 / 605LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
v01.0707
General Description
Features
Functional Diagram
The HMC605LP3 / HMC605LP3E are versatile, high
dynamic range GaAs MMIC Low Noise Amplifiers
that integrate a low loss LNA bypass path on the IC.
The amplifier is ideal for WiBro & WiMAX receivers
operating between 2.3 and 2.7 GHz and provides
1.1 dB noise figure, 20 dB of gain and +31 dBm output
IP3 from a single supply of +5.0V @ 74 mA. Input
and output return losses are 14 and 15 dB respectively
with no external matching components required. A
single control line (Vctl) is used to switch between LNA
mode and a low 2.0 dB loss bypass mode and reduces
the current consumption to 10 μA. The HMC605LP3 is
failsafe and will default to the bypass mode with no DC
power applied.
Noise Figure: 1.1 dB
Output IP3: +31 dBm
Gain: 20 dB
Low Loss & Failsafe Bypass Path
Single Supply: +3V or +5V
50 Ohm Matched Input / Output
Electrical Specifications, T
A = +25° C, Vdd = +5V
Typical Applications
The HMC605LP3 / HMC605LP3E is ideal for:
• Wireless Infrastructure
• Customer Premise Equipment
• Fixed Wireless
• WiMAX & WiBro
• Tower Mounted Amplifiers
Parameter
LNA Mode
Bypass Mode
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
2.3 - 2.7
2.3 - 2.7
GHz
Gain
17.5
20.5
-3.0
-2.0
dB
Gain Variation Over Temperature
0.012
0.002
dB / °C
Noise Figure
1.1
1.3
dB
Input Return Loss
14
13
dB
Output Return Loss
15
13
dB
Reverse Isolation
33
dB
Output Power for 1dB Compression (P1dB)*
17
16
dBm
Output Third Order Intercept (IP3)*
(-20 dBm Input Power per tone, 1 MHz tone spacing)
31
dBm
Supply Current (Idd)
74
90
0.01
mA
Swtiching Speed
LNA Mode to Bypass Mode
-
6.0
ns
Bypass Mode to LNA Mode
60
-
ns
* P1dB for LNA Mode is referenced to RFOUT while P1dB for Bypass Mode is referenced to RFIN.


Similar Part No. - HMC605LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC605LP3 HITTITE-HMC605LP3 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC605LP3E HITTITE-HMC605LP3E Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC605LP3E HITTITE-HMC605LP3E Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
More results

Similar Description - HMC605LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC667LP2 HITTITE-HMC667LP2 Datasheet
305Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com