Electronic Components Datasheet Search
  English  ▼

X  

HMC605LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC605LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC605LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC605LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5
5 - 192
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
LNA Output IP3 vs. Temperature
LNA Psat vs. Temperature
LNA Output IP3 vs. Vdd
LNA Input Return Loss vs. Temperature
LNA Output Return Loss vs. Temperature
HMC605LP3 / 605LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
v01.0707
14
15
16
17
18
19
20
21
22
23
24
2.3
2.4
2.5
2.6
2.7
+25C
+85C
-40C
FREQUENCY (GHz)
25
26
27
28
29
30
31
32
33
34
35
2.3
2.3
2.4
2.5
2.5
2.5
2.6
2.6
2.7
+25C
-40C
+85C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
2.3
2.3
2.4
2.5
2.5
2.5
2.6
2.6
2.7
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
2.3
2.3
2.4
2.5
2.5
2.5
2.6
2.6
2.7
+25C
+85C
-40C
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
2.3
2.3
2.4
2.5
2.5
2.5
2.6
2.6
2.7
+3V
+5V
FREQUENCY (GHz)
LNA Output P1dB vs. Temperature
14
15
16
17
18
19
20
21
22
23
24
2.3
2.4
2.5
2.6
2.7
+25C
+85C
-40C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com