Electronic Components Datasheet Search
  English  ▼

X  

HMC605LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC605LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC605LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC605LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC605LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5
5 - 191
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
LNA Broadband Gain & Return Loss
LNA Gain vs. Temperature
LNA Noise Figure vs. Temperature
LNA – Gain, Noise Figure &
Power vs. Supply Voltage @ 850 MHz
LNA Gain vs. Vdd
LNA Noise Figure vs. Vdd
HMC605LP3 / 605LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
v01.0707
-40
-30
-20
-10
0
10
20
30
1234
5
6
S21
S11
S22
FREQUENCY (GHz)
14
15
16
17
18
19
20
21
22
23
24
2.3
2.4
2.5
2.6
2.7
+25C
+85C
-40C
FREQUENCY (GHz)
14
15
16
17
18
19
20
21
22
23
24
2.3
2.4
2.5
2.6
2.7
+3.0V
+5.0V
FREQUENCY (GHz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.3
2.4
2.5
2.6
2.7
+25C
-40C
+85C
FREQUENCY (GHz)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
2.3
2.4
2.5
2.6
2.7
3v
5V
FREQUENCY (GHz)
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Gain
P1dB
Noise Figure
Vdd (Vdc)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com