Electronic Components Datasheet Search
  English  ▼

X  

TIPL770 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TIPL770
Description  NPN SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL770 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TIPL770 Datasheet HTML 1Page - Power Innovations Ltd TIPL770 Datasheet HTML 2Page - Power Innovations Ltd TIPL770 Datasheet HTML 3Page - Power Innovations Ltd TIPL770 Datasheet HTML 4Page - Power Innovations Ltd TIPL770 Datasheet HTML 5Page - Power Innovations Ltd TIPL770 Datasheet HTML 6Page - Power Innovations Ltd TIPL770 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TIPL770
NPN SILICON POWER TRANSISTOR
PRODUCT
INFORMATION
1
MARCH 1984 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Rugged Triple-Diffused Planar Construction
q
2.5 A Continuous Collector Current
q
Operating Characteristics Fully Guaranteed
at 100°C
q
850 Volt Blocking Capability
q
50 W at 25°C Case Temperature
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTE
1: This value applies for tp ≤ 10 ms, duty cycle ≤ 2%.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
VCBO
850
V
Collector-emitter voltage (VBE = 0)
VCES
850
V
Collector-emitter voltage (IB = 0)
VCEO
400
V
Emitter-base voltage
VEBO
10
V
Continuous collector current
IC
2.5
A
Peak collector current (see Note 1)
ICM
8
A
Continuous device dissipation at (or below) 25°C case temperature
Ptot
50
W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C


Similar Part No. - TIPL770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIPL773 TI-TIPL773 Datasheet
454Kb / 13P
N-P-N SILICON TRIPLE TRANSISTOR ADVANCED POWER DARLINGTONS
TIPL774 TI-TIPL774 Datasheet
215Kb / 7P
N-P-N DARLINGTON-CONNECTED SILICON POWER TRANSISTOR
TIPL775 TI-TIPL775 Datasheet
177Kb / 6P
N-P-N MONOLITHIC DARLINGTON-CONNECTED SILICON POWER TRANSISTORS
TIPL775A TI-TIPL775A Datasheet
177Kb / 6P
N-P-N MONOLITHIC DARLINGTON-CONNECTED SILICON POWER TRANSISTORS
TIPL777 TI-TIPL777 Datasheet
179Kb / 7P
N-P-N SILICON HIGH VOLTAGE ADVANCED POWER DARLINGTONS
More results

Similar Description - TIPL770

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com