Electronic Components Datasheet Search
  English  ▼

X  

TIPL770 Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # TIPL770
Description  NPN SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL770 Datasheet(HTML) 4 Page - Power Innovations Ltd

  TIPL770 Datasheet HTML 1Page - Power Innovations Ltd TIPL770 Datasheet HTML 2Page - Power Innovations Ltd TIPL770 Datasheet HTML 3Page - Power Innovations Ltd TIPL770 Datasheet HTML 4Page - Power Innovations Ltd TIPL770 Datasheet HTML 5Page - Power Innovations Ltd TIPL770 Datasheet HTML 6Page - Power Innovations Ltd TIPL770 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIPL770
NPN SILICON POWER TRANSISTOR
4
MARCH 1984 - REVISED MARCH 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
Figure 5.
Figure 6.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
5·0
0·1
1·0
1·0
10
100
TCP770AD
V
CE = 5 V
T
C = 125°C
T
C =
25°C
T
C = -65°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·5
1·0
1·5
2·0
0
1
2
3
4
5
TCP770AE
T
C = 25°C
I
C = 2.5 A
I
C = 1.0 A
I
C = 0.5 A
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·5
1·0
1·5
2·0
0
1
2
3
4
5
TCP770AF
I
C = 2.5 A
I
C = 1.0 A
I
C = 0.5 A
T
C = 100°C
BASE-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·2
0·4
0·6
0·8
1·0
1·2
1·4
1·6
0·7
0·8
0·9
1·0
1·1
1·2
TCP770AG
I
C = 0.5 A
I
C = 2.5 A
I
C = 1 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com