Electronic Components Datasheet Search
  English  ▼

X  

6AS34 Datasheet(PDF) 22 Page - Honeywell Solid State Electronics Center

Part # 6AS34
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS34 Datasheet(HTML) 22 Page - Honeywell Solid State Electronics Center

Back Button 6AS34 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 18Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 19Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 20Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 21Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 22Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 23Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22 sensing.honeywell.com
BZ | BA | BM | BE | 6AS Series
AUXILIARY ACTUATOR ORDER GUIDE
Catalog
Listing
Description
Use
only
with
Overtravel min.
mm [in]
Operating Position*
mm [in]
Free Position
mm [in]
JR
Roller lever for “S” plunger
type BZ switches only. Permits
cam operation
BZ
11,1 mm [0.437 in]
44,45 mm ±3,18 mm
[1.75 in ±0.125 in]
–
AD5721R
(M8805/59)
AN3169-1
Adjustable roller lever. Tang on
top of actuator can be bent to
adjust O.P. and F.P.
BZ, BM
11,1 mm [0.437 in]
approx.
31,75 mm to 41,15 mm
[1.25 in to 1.62 in]
39,6 mm to 43,7
mm [1.56 in to
1.72 in]
ADA3721R
BA, BE
9,53 mm [0.375 in]
approx.
40,48 mm
[1.594 in] approx.
46,03 mm
[1.812 in]
MC2711
(M8805/59)
AN3168-2
Straight plunger. Panel mount
BZ, BM
4,78 mm [0.188 in]
27,79 mm [1.094 in]
29,4 mm [1.156 in]
MCA2711
BA, BE
3,96 mm [0.156 in]
28,17 mm [1.109 in]
30,18 mm
[1.188 in]
MC2711H
Sealed straight plunger. Panel
mount. Elastomer boot seal
resists liquid splash and dirt.
Furnished unassembled.
BZ, BM
4,78 mm [0.188 in]
28,98 mm [1.141 in]
29,4 mm
[1.156 in]
MCA2711H
BA, BE
4,37 mm [0.172 in]
27,38 mm ±0,76 mm
[1.078 in ±0.030 in]
29,56 mm
[1.156]
MD3211Q
Roller plunger. Panel mount.
Roller parallel to long axis of
the switch
BZ, BM
3,18 mm [0.125 in]
approx.
35,7 mm [1.406 in]
37,69 mm
[1.484 in]
MDA3711Q
BA, BE
3,18 mm [0.125 in]
36,12 mm [1.422 in]
37,69 mm
[1.484 in]
MD3211Q1
Cross roller plunger. Panel
mount. Roller perpendicular to
long axis of the switch
BZ, BM
3,18 mm [0.125 in]
approx.
35,7 mm [1.406 in]
37,69 mm
[1.484 in]
MDA3711Q1
BA, BE
3,18 mm [0.125 in]
36,12 mm [1.422 in]
37,69 mm
[1.484 in]
MC7711
(M8805/58)
AN3167-1
High overtravel plunger. Panel
mount
BZ, BM
20,62 mm
[0.812 in]
69,1 mm [2.719 in]
70,64 mm
[2.781 in]
MCA7711
BA, BE
19,84 mm
[0.781 in]
69,44 mm [2.734 in]
71,42 mm
[2.812 in]
* except where stated ±1,14 mm [±0.045 in]
NOTE: All actuators are for use with pin plunger types only, except catalog listing JR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com