Electronic Components Datasheet Search
  English  ▼

X  

6AS34 Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # 6AS34
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS34 Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button 6AS34 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 15Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
sensing.honeywell.com
MICRO SWITCH™ Premium Large Basic Switches
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
SIMULATED ROLLER AND ROLLER LEVER ORDER GUIDE
Catalog
Listing
Recommended
For
O.F.
N [oz]
R.F.
min.
N [ oz]
P.T.
max.
mm
[in]
O.T.
min.
mm
[in]
D.T.
mm [in]
O.P.**
mm [in]
BZ-2RW80147-
A2
1.05 inch (26,7 mm)
(simulated roller)
lever applications
15 A
A
1,67
[6]
0,42
[1.5]
–
2,39
[0.094]
0,08 to 0,51
[0.003 to 0.020]
30,17
[1.188]
BZ-2RW80196-A2
1.90 inch (48,3 mm)
(simulated roller)
lever applications
15 A
A
0,97
[3.5]
0,21
[0.75]
–
3,96
[0.156]
0,10 to 1,0
[0.004 to 0.040]
30,17 ±0,76
[1.188
±0.03]
BZ-2RW82272-
A2
Applications
requiring gold alloy
contacts
1 A
P
1,67
[6]
0,42
[1.5]
–
2,39
[0.094]
0,08 to 0,51
[0.003 to 0.020]
30,17
[1.188]
BZ-
2RW822725551-
A2
Apps requiring gold alloy
contacts plus dustproof
and splash resistant seal
1 A
P
1,67
[6]
0,42
[1.5]
–
2,39
[0.094]
0,08 to 0,51
[0.003 to 0.020]
30,17
[1.188]
BZ-2RW822-A2
26,7 mm [1.05 in] mm)
roller lever
15 A
A
1,67
[6]
0,42
[1.5]
–
2,39
[0.094]
0,08 to 0,51
[0.003 to 0.020]
30,17
[1.188]
BZ-2RW8222-A2 Roller turned 90°
15 A
A
0,7 to 1,81
[2.5 to 6.5]
0,35
[1.25]
–
3,58
[0.141]
max.
0,08 to 0,51
[0.003 to 0.020]
30,75
[1.25]
BZ-2RW82224-
A2
Operating in
temperature to
121 °C [250 °F]
15 A
A
1,67
[6]
0,42
[1.5]
–
2,39
[0.094]
0,08 to 0,51
[0.003 to 0.020]
30,17
[1.188]
BZ-
2RW8225551-A2
Dustproof and
splash resistant seal
15 A
A
1,67
[6]
0,42
[1.5]
–
2,39
[0.094]
0,08 to 0,51
[0.003 to 0.020]
30,17
[1.188]
BZ-
2RW82255-A2-S
Best service for
sealed construction.
Stainless steel
internal snap spring.
15 A
A
1,67
[6]
0,42
[1.5]
–
2,39
[0.094]
0,08 to 0,51
[0.003 to 0.020]
30,17
[1.188]
BA-2RV22-A2
Up to 20 ampere load
20
G
1,67
[6]
0,42
[1.5]
6,35
[0.250]
0,76
[0.030]
1,14
[0.045] max.
29,77
[1.172]
BM-1RW822-A2
Up to 22 ampere load
22
F
1,67
[6]
0,42
[1.5]
–
2,39
[0.094]
0,025 to 0,33
[0.001 to 0.013]
30,17
[1.188]
BE-2RV22-A4
Up to 25 ampere load,
#8 screw terminals
25
H
1,67
[6]
0,42
[1.5]
6,35
[0.250]
0,76
[0.030]
1,14
[0.045] max.
29,77
[1.172]
BZ-2RW82299-
A2
Adjustable operating
point. Roller lever
1.05 inch (26,7 mm)
15 A
A
1,67
[6]
0,42
[1.5]
–
1,02
[0.040]
0,08 to 0,51
[0.003 to 0.020]
29,77 to
30,56
[1.172 to
1.203]
BZ-2RW8299-A2
Adjustable operating
point. Roller lever
1.90 inch (48,3 mm)
15 A
A
0,97
[3.5]
0,21
[0.75]
–
2,16
[0.085]
0,10 to 1,0
[0.004 to 0.040]
29,2 to 31,5
[1.150 to
1.24]
** except where stated ±0,38 mm [±0.015 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com