Electronic Components Datasheet Search
  English  ▼

X  

6AS34 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # 6AS34
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS34 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button 6AS34 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 6AS34 Datasheet HTML 14Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10 sensing.honeywell.com
BZ | BA | BM | BE | 6AS Series
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
STRAIGHT LEVER ORDER GUIDE
Catalog
Listing
Recommended
For
O.F.
N [oz]
R.F.
min.
N [ oz]
P.T.
max.
mm
[in]
O.T.
min.
mm
[in]
D.T.
mm [in]
O.P.**
mm [in]
BZ-2RW8072-A2
Applications requiring gold
alloy contacts
1 A
P
0,7
[2.5]
0,14
[0.5]
–
5,56
[0.219]
0,18 to 1,27
[0.007 to 0.050]
19,1
[0.750]
BZ-
2RW80722555105-
A2
Stability under varying hu-
midity. Gold alloy contacts
with seal
1 A
P
0,7
[2.5]
0,14
[0.5]
–
5,56
[0.219]
0,18 to 1,27
[0.007 to 0.050]
19,1
[0.750]
BZ-2RW8244-A2
Operating in temp.
to 204 °C [400 °F]
for 100 hours
5 A
B
0,7
[2.5]
0,14
[0.5]
–
5,56
[0.219]
0,18 to 1,27
[0.007 to 0.050]
19,1
[0.750]
BZ-RW8435-A2
Lowest operating
force (without external
return spring)
10 A
I
0,07
[0.25[
–
6,76
[0.266]
5,56
[0.219]
0,08 to 0,38
[0.003 to 0.015]
19,1
[0.750]
BZ-2RW876T
1.25-inch lever
15 A
A
1,67
[6]
0,42
[1.5]
–
0,42
[0.141]
0,10 to 0,63
[0.004 to 0.025]
19,1
[0.750]
BZ-2RW80-A2
2.5-inch lever
15 A
A
0,7
[2.5]
0,14
[0.5]
–
5,56
[0.219]
0,18 to 1,27
[0.007 to 0.050]
19,1
[0.750]
BZ-2RW84-A2
Lower force (without
external return spring)
15 A
A
0,28
[1]
0,03
[0.125]
8,33
[0.328]
5,56
[0.219]
0,18 to 1,27
[0.007 to 0.050]
19,1
[0.750]
BZ-2RW805551-
A2
Dustproof and
splash resistant seal
15 A
A
0,7
[2.5]
0,14
[0.5]
–
5,56
[0.219]
0,18 to 1,27
[0.007 to 0.050]
19,1
[0.750]
BZ-2RWT04
(M8805/1-044)
MIL-PRF-8805
application requirements
15 A
A
0,28 to 0,90
[1 to 3.25]
0,21
[0.75]
7,52
[0.296]
4,37
[0.172]
2,36
[0.093]
19,1
[0.750]
BZ-2RW824-A2
Operating in temperature
to 121 °C [250 °F]
15 A
A
0,7
[2.5]
0,14
[0.5]
–
5,56
[0.219]
0,18 to 1,27
[0.007 to 0.050]
19,1
[0.750]
BZ-RW80X
Manual reset, solder
terminals
15 A
E
0,63
[2.25]
–
–
5,56
[0.219]
0,38*
[0.015]
–
19,05
[0.750]
7,14*
[0.281]
BZ-2RW863-A2
6-inch lever
15 A
A
0,28
[1]
–
–
12,7
[0.50]
0,46 to 3,68
[0.018 to 0.145]
19,1 ±1,52
[0.75 ±0.06]
BA-2RV-A2
Up to 20 ampere load
20 A
G
0,7
[2.5]
0,14
[0.5]
15,88
[0.625]
1,98
[0.078]
2,77 max.
[0.109] max.
19,1
[0.750]
BM-1RW84-A2
Up to 22 ampere load
22 A
F
0,28
[1]
0,03
[0.125]
7,54
[0.297]
5,56
[0.219]
0,13 to 0,84
[0.005 to 0.033]
19,1
[0.750]
BE-2RV-A4
Up to 25 ampere load
#8 screw terminals
25 A
H
0,7
[2.5]
0,14
[0.5]
15,88
[0.625]
1,98
[0.078]
2,77 max.
[0.109] max.
19,1
[0.750]
BZ-2RW899-A2
Adjustable operating point
17 mm to 22 mm [0.67 in
to 0.88 in]
15 A
A
0,7
[2.5]
0,14
[0.5]
–
3,54***
[0.125]
0,18 to 1,27
[0.007 to 0.050]
17,02 to
22,35
[0.670 to
0.880]
BZ-2RM-A2
Reverse acting actuator
(switch plunger depressed
in free position)
15 A
A
1,67
[6]
0,28
[1]
5,56
[0.219]
5,56
[0.219]
0,10 to 0,89
[0.004 to 0.035]
19,1
[0.750]
* Reset characteristics
** except where stated ±0,76 mm [±0.030 in]
*** from 17 mm [0.670 in] O.P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com