Electronic Components Datasheet Search
  English  ▼

X  

PM30CSJ060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM30CSJ060
Description  FLAT-BASE TYPE INSULATED PACKAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM30CSJ060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM30CSJ060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Sep.1998
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Over Current Trip Level Inverter Part
OC
-20
°C ≤ T ≤ 125°C, VD = 15V
39
53
—
Amperes
Short Circuit Trip Level Inverter Part
SC
-20
°C ≤ T ≤ 125°C, VD = 15V
—
80
—
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
—
10
—
µs
Over Temperature Protection
OT
Trip Level
100
110
120
°C
OTr
Reset Level
—
90
—
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
UVr
Reset Level
—
12.5
—
Volts
Supply Voltage
VD
Applied between VUP1-VUPC,
13.5
15
16.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
—18
25
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
—
7
10
mA
Input ON Threshold Voltage
Vth(on)
Applied between
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
Vth(off)
UP-VUPC, VP-VVPC, WP-VWPC,
1.7
2.0
2.3
Volts
UN · VN · WN-VNC
PWM Input Frequency
fPWM
3-
φ Sinusoidal
—
15
20
kHz
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V
—
—
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
—
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V
1.0
1.8
—
ms
MITSUBISHI INTELLIGENT POWER MODULES
PM30CSJ060
FLAT-BASE TYPE
INSULATED PACKAGE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com