Electronic Components Datasheet Search
  English  ▼

X  

PM30CSJ060 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM30CSJ060
Description  FLAT-BASE TYPE INSULATED PACKAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM30CSJ060 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM30CSJ060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Sep.1998
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICES
VCIN = 15V, VCE = VCES, Tj = 25°C
—
—
1.0
mA
VCIN = 15V, VCE = VCES, Tj = 125°C—
—
10
mA
Diode Forward Voltage
VEC
-IC = 30A, VD = 15V, VCIN = 15V
—
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 30A
—
1.8
2.5
Volts
VD = 15V, VCIN = 0V, IC = 30A,
—
1.9
2.6
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.3
0.6
1.5
µs
trr
VD = 15V, VCIN = 0 ↔ 15V
—
0.12
0.3
µs
tC(on)
VCC = 300V, IC = 30A
—
0.3
1.0
µs
toff
Tj = 125°C
—
2.0
2.8
µs
tC(off)
—
0.6
1.5
µs
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Each IGBT
—
—
1.5
°C/Watt
Rth(j-c)F
Each FWDi
—
—
3.0
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
—
—
0.083
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across P-N Terminals
0 ~ 400
Volts
VD
Applied between VUP1-VUPC,
15
± 1.5
Volts
VN1-VNC, VVP1-VVPC, VWP1-VWPC
Input ON Voltage
VCIN(on)
Applied between
0 ~ 0.8
Volts
Input OFF Voltage
VCIN(off)
UP-VUPC, VP-VVPC, WP-VWPC,
4.0 ~ VD
Volts
UN · VN · WN-VNC
PWM Input Frequency
fPWM
Using Application Circuit
5 ~ 20
kHz
Minimum Dead Time
tdead
Input Signal
≥ 2.5
µs
MITSUBISHI INTELLIGENT POWER MODULES
PM30CSJ060
FLAT-BASE TYPE
INSULATED PACKAGE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com