Electronic Components Datasheet Search
  English  ▼

X  

PM30CSJ060 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM30CSJ060
Description  FLAT-BASE TYPE INSULATED PACKAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM30CSJ060 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM30CSJ060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM30CSJ060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM30CSJ060
FLAT-BASE TYPE
INSULATED PACKAGE
0
1
2
3
4
5
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
00
10
50
20
30
40
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
0
1.0
2.0
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
IC = 30A
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
3.0
0
1.0
0
10
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
20
30
40
50
2.0
Tj = 25
oC
VCIN = 0V
VD = 17V
13
15
3.0
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
100
101
tc(off)
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
100
101
102
100
COLLECTOR REVERSE CURRENT, –IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
101
102
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
00
1.0
3.0
100
00
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
DIODE FORWARD CHARACTERISTICS
101
102
0.5
1.5
2.0
Tj = 25
oC
Tj = 125
oC
VD = 15V
2.5
80
90
100
110
120
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
Tj = 25
oC
80
90
100
110
120
OVER CURRENT TRIP LEVEL VS.
TEMPERATURE (TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
-50
0
50
100
150
VD = 15V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com